Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 83 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 83 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments TNETX15VE Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
83
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
FIFO FINDS (NBFR–no broadcast FIFO reads)
In certain applications, such as spanning tree, it is important to know the source address of frames sent to a
common-destination address. The TNETX15VE gives the programmer the capability of doing this, but limits this
to only those frames whose destination address is marked with the NBLCK bit.
The TNETX15VE performs a destination address search on all frames going by on the DRAM bus. If the
destination address matches one on the lookup table, and if the matching address on the lookup table has the
NBLCK bit set, the TNETX15VE writes the source address of this frame into the NBLCK RXFIFO, regardless
of whether or not the receiving port is being RX blocked. The TNETX15VE then informs the host that the FIFO
contains data by asserting an RXFIFO interrupt (RXFIFO bit in the interrupt and intmask registers). The NBLCK
FIFO entries are made as a result of the LKUP operation. An entry is made even if the packet has a bad CRC.
The TNETX15VE FIFO reads the NBLCK RXFIFO using the FIND state machine. The procedure for performing
FIFO reads is as follows.
• Perform a FIFO read:
1.
Set the NBFR bit in the findcontrol register. No write to any other register is required. The
TNETX15VE scans the FIFO for the first address.
2.
Poll the findcontrol register until the NBFR bit clears. No FNDCMPLT interrupt is given due to the
speed of the FIFO read. At most, one poll is required.
3.
Read the findcontrol register. If the FOUND bit is set, then an address was found and the node’s
address is given in the findnode register. The frame’s tag and the port the frame originated from is
placed in the findport register. This address is then cleared from the FIFO. If the FOUND bit is not
set, then an address was not found and the FIFO is empty.
4.
Repeat the NBFR operation until no more addresses are found.
summary of FIND operations supported
Table 5 summarizes the supported FIND operations, the bits used to select the operation, and the code written
to the findcontrol register.
Table 5. FIND Operations
OPERATION
BITS USED
FINDCONTROL
FIND (LKUP)
LKUP
0x01
FINDNEXT
NEXT
0x02
FINDFIRST
FIRST
0x04
FINDNEXTVLAN
VLAN, NEXT
0x0A
FINDFIRSTVLAN
VLAN, FIRST
0x0C
FINDNEXTPORT
PORT, NEXT
0x12
FINDFIRSTPORT
PORT, FIRST
0x14
FINDNEXTPORTVLAN
PORT, VLAN, NEXT
0x1A
FINDFIRSTPORTVLAN
PORT, VLAN, FIRST
0x1C
NBLCK FIFO READ
NBFR
0x20
FINDNEW
NEW
0x40
FINDNEWVLAN
NEW, VLAN
0x48
FINDNEWPORT
NEW, PORT
0xA0
FINDNEWPORTVLAN
NEW, PORT, VLAN
0xA8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com