Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 19Page - Texas Instruments TNETX15VE Datasheet HTML 20Page - Texas Instruments TNETX15VE Datasheet HTML 21Page - Texas Instruments TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mode-control status register, control at 0x08–0x09 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET
LOAD
START
INITD
NEEPM
NAUTO
Reserved
NIOB
Reserved
NCRC
MIRR
Reserved
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Values With No EEPROM Detected
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Values When Auto-Loading Fails
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
The control register is automatically loaded from an EEPROM when the RESET terminal is asserted low, when
the DIO address high register is written with 0x40, or when the LOAD bit is set. Only selected bits in this register
are loaded from the EEPROM. RESET and LOAD bits are not loaded to prevent automatic loading loops. The
two status bits, INITD and NEEPM, also are not loadable. If automatic loading fails due to EEPROM malfunction
or CRC error, the control register RESET bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com