Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 78 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 78 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
78
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
guidelines for calculating the value of VLANmask from the VLAN assignments
Addresses that are unknown are broadcast using the VLANmask register for the source-port VLAN. A simple
way of determining the value of these registers is discussed. The VLANmask is calculated from the VLANID
and tagVLAN register array.
If the TNETX3150/TNETX3150A/TNETX3100 and TNETX15VE chipset is stand alone, the VLANmask
registers have a bit set for each port that belongs to that VLAN. All the entries in the tagVLAN array must agree,
to indicate what VLAN port 00 belongs to.
If the chipset is cascaded/expanded (where port 00 is relative to other intranetworking equipment rather than
end users/segments), the VLANmask register has a bit set for each port that belongs to that VLAN plus a 1 in
port 00s position if stations in the VLAN are on the other side of port 00. The entries in the tagVLAN array
correlate the inbound pretag with the appropriate VLAN.
The following example is for the reference side of a cascaded TNETX3150/TNETX3150A and TNETX15VE:
(Locally VLANs 0 and 2
are used)
(Remotely VLANs 0, 1, and 3
are used)
VLANID1 = 0x2
TagVLAN0 = 0x0
VLANID2 = 0x2
TagVLAN1 = 0x0
VLANID3 = 0x0
TagVLAN2 = 0x0
VLANID4 = 0x2
TagVLAN3 = 0x1
VLANID5 = 0x2
TagVLAN4 = 0x0
VLANID6 = 0x2
TagVLAN5 = 0x3
VLANID7 = 0x0
TagVLAN6 = 0x3
VLANID8 = 0x0
TagVLAN7 = 0x0
VLANID9 = 0x0
TagVLAN8 = 0x0
VLANID10 = 0x2
TagVLAN9 = 0x3
VLANID11 = 0x0
TagVLAN10 = 0x0
VLANID12 = 0x0
TagVLAN11 = 0x3
VLANID13 = 0x2
TagVLAN12 = 0x0
VLANID14 = 0x0
TagVLAN13 = 0x0
TagVLAN14 = 0x0
TagVLAN15 = 0x0
Then, the VLANmask registers should be as follows: VLANmask0 = 0x5B89, VLANMASK1 = 0x0001,
VLANmask2 = 0x2476, AND VLANmask3 = 0x0001.
VLAN
PORT
VLAN
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
0
0
1
0
1
1
0
1
1
1
0
0
0
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
2
0
0
1
0
0
1
0
0
0
1
1
1
0
1
1
0
3
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com