Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 61 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 61 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments TNETX15VE Datasheet HTML 59Page - Texas Instruments TNETX15VE Datasheet HTML 60Page - Texas Instruments TNETX15VE Datasheet HTML 61Page - Texas Instruments TNETX15VE Datasheet HTML 62Page - Texas Instruments TNETX15VE Datasheet HTML 63Page - Texas Instruments TNETX15VE Datasheet HTML 64Page - Texas Instruments TNETX15VE Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
lookup table SRAM allocation
The TNETX15VE uses a 5-bit version of the lookup algorithm described in the previous section. To meet our
duplicate-address support goals, the TNETX15VE extends the lookup to 48 address bits plus two VLAN bits.
In this way, frames with the same address (but different VLANs) are delivered to unique end stations.
When a 5-bit version of the lookup algorithm is used, each address requires 10 tables to store a 50-bit value.
Tables 0 through 9 are used to match the 50 bits involved in the lookup. Table 9 (shown in Figure 11) contains
a pointer to the internal SRAM where the node’s data is contained.
The 16-bit-wide external SRAM is required for proper operation. A 16-bit pointer retrieved from the table coupled
with the next five bits of address being inspected gives a 21-bit (2M) address capability. With the leaves of the
table confined to the internal RAM, there is no value to having more than 512K
× 16 of external SRAM attached
to the TNETX15VE. The algorithm runs out of table leaves before running out of table space if more SRAM is
installed.
Table 9 (in Figure 11) only needs an 11-bit address to reach the table leaf in internal SRAM (only 2K unique
addresses). Since there is only one table-9 entry per active address in the table, some of the information for
a unicast address is stored in the five bits left over. The corresponding bits for a multicast address are not used.
Each table entry requires 40 ns to access and 10 levels total 400 ns towards the lookup time. The internal SRAM
data is accessed in 20 ns. The total time required (400 ns + 20 ns) gives some margin to generate the EAM code
in time for the TNETX3150/TNETX3150A.
An allocated (but unused) table entry is set to 0 since 0 cannot be a valid address for a table leaf.
Table 0 (Root)
Table 1
Table 2
Table 3
Table 4
Table 5
Table 6
Table 7
Table 8
Table 9
Internal SRAM Data
Bit 47–43
Bit 42–38
Bit 37–33
Bit 32–28
Bit 27–23
Bit 22–18
Bit 17–33
Bit 12–8
Bit 7–3
Bit 2–0 + VLAN (2 Bits)
Figure 11. Address Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com