Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 30Page - Texas Instruments TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments TNETX15VE Datasheet HTML 36Page - Texas Instruments TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt masking register, intmask at 0x2A–0x2B (DIO)
The intmask register is used with the int register to select the type of interrupts that should be given to the
attached CPU. Bit definitions in the intmask register agree one-to-one to the bit definitions in the int register.
Only those fields with the bit set to 1 generate an interrupt to the CPU. Setting the mask bit for a condition
prevents only the external terminal from moving to a logic 1 when the appropriate condition is true. The
appropriate bit in the interrupt register is always a 1 if the condition is true, and the bit has not been cleared by
being read. This register is read/writeable.
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NEW
NEWM
CHNG
CHNGM
SECVIO
SECVIOM
AGE
AGEM
INT
FNDCPLT
Reserved
RXFIFO
STAT
FULL
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NEW
New-node interrupt mask. When NEW is set, a new-node interrupt is posted if the NEW bit in the int register
is set.
14
NEWM
Missed-new-node interrupt mask. When NEWM is set, a missed new-node interrupt is posted if the NEWM
bit in the int register is set.
13
CHNG
Node-port change interrupt mask. When CHNG is set, a node-port change interrupt is posted if the CHNG
bit in the int register is set.
12
CHNGM
Missed-node-port change interrupt mask. When CHNGM is set, a missed-node-port interrupt is posted if
the CHNGM bit in the int register is set.
11
SECVIO
Security-violation interrupt mask. When SECVIO is set, a security-violation interrupt is posted if the SECVIO
bit in the int register is set.
10
SECVIOM
Missed-security-violation interrupt mask. When SECVIOM is set, a missed-security-violation interrupt is
posted if the SECVIOM bit in the int register is set.
9
AGE
Age-out interrupt mask. When AGE is set, an age-out interrupt is posted if the AGE bit in the int register is
set.
8
AGEM
Missed-age-out interrupt mask. When AGEM is set, a missed age-out interrupt is posted if the AGEM bit
in the int register is set.
7
INT
Test interrupt mask. When INT is set, a test interrupt is posted if the INT bit in the int register is set.
6
FNDCPLT
Find completion mask. When FNDCPLT is set, a find completion interrupt is posted if the FINDCPLT bit in
the int register is set.
5–3
Reserved
Writes to this location are ignored and read as 0.
2
RXFIFO
Receive FIFO not empty. When RXFIFO is set to 1, the receive frame address buffer is not empty. During
spanning tree, this signals the arrival of a BPDU.
1
STAT
Statistics overflow interrupt mask. When STAT is set, a statistics interrupt is posted if the STATS bit in the
int register is set.
0
FULL
SRAM full interrupt mask. When FULL is set, a memory-full interrupt is posted if the FULL bit in the int
register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com