Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments TNETX15VE Datasheet HTML 36Page - Texas Instruments TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
management add/edit address interface group at 0x2D and 0x38–0x3F (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
AddVLANID
Adddelcontrol
0x2C
Addnode23–Addnode16
Addnode31–Addnode24
Addnode39–Addnode32
Addnode47–Addnode40
0x38
Addport
Addnode7–Addnode0
Addnode15–Addnode8
0x3C
The management add/edit address registers are used with the ADD bit in the adddelcontrol register to perform
CPU adds and edits to the lookup table. These registers are read/write registers. When the ADD logic is
operating, these registers are locked and no writes can be made to them.
lookup table add/delete command register, adddelcontrol at 0x2C (DIO), byte 0
BYTE 0
BIT
7
6
5
4
3
2
1
0
Reserved
DELP
DELV
ADD
DEL
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Writes to this location are ignored and are read as 0.
3
DELP
See the delete process bits under
lookup table add/delete command register
2
DELV
See the delete process bits under l
ookup table add/delete command register
1
ADD
Address add. When ADD is asserted, the TNETX15VE uses the information contained in the management
add/edit address interface to add or edit an address in the lookup table. ADD remains asserted until the add
process is complete.
0
DEL
See the delete process bits under
lookup table add/delete command register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com