Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 80 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
80
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
FIND, FINDFIRST, FINDNEXT, and FINDNEW commands (continued)
The FINDFIRST command finds the first address contained in the lookup table. The procedure for the FIND
command is as follows:
• Set the FIRST bit in the findcontrol register. No write to findnode or findVLANID is required. The
TNETX15VE scans the lookup table for the first address. The search is confined to a VLAN and/or
PORT by setting those modifier bits in the findcontrol register.
• WaituntiltheFNDCPLTinterruptisasserted[FNDCPLT(bit6)ininterruptregister]orpollthefindcontrol
register until the FIRST bit is cleared.
• Read the findcontrol register. If FOUND is set, an address was found and the node’s address and
information is placed in the registers. If FOUND is not set, an address was not found and the rest of the
lookup table is empty.
The FINDNEXT command finds the next address from that contained in the findnode register or the same
address on a separate VLAN. The user can either write a value in findnode and findVLANID and find the next
address or keep the current value and continue finding next addresses. The procedure for the FIND command
is as follows:
• Write the starting address in findnode and findVLANID (if desired) or keep the currently held address
and VLAN.
• Set the NEXT bit in findcontrol. The TNETX15VE scans the lookup table for the next address after the
one contained in findnode or for the same address in a separate VLAN. The search is confined to a
VLAN and/or PORT by setting those bits in the findcontrol register.
• Wait until the FNDCPLT interrupt is asserted. [FNDCPLT (bit 6) in interrupt register] or poll the
findcontrol register until the NEXT bit is cleared.
• Read the findcontrol register. If FOUND is set, and the address was found, the node’s address and
information is placed in the registers. If FOUND is not set, and an address was not found, the rest of the
lookup table is empty.
The commands can be combined to quickly dump the address table. All that is required is a FINDFIRST followed
by FINDNEXT commands, until no more addresses are found.
Due to the TNETX15VE efficiency in adding addresses and changing ports, and since these functions occur
without user intervention, a method is necessary to keep the host informed of all addresses that have changed.
The interrupt registers fulfill this function, but during the time that one interrupt is processed, many more can
go by unnoticed. The management is then reduced to scanning in the table using the FIND logic operation to
determine which addresses have changed. This is impractical in that a local copy of the table must be kept and
then compared with the TNETX15VE table. To alleviate this problem, the NEW flag is used.
The NEW flag in the SRAM is asserted every time the TNETX15VE adds an address or changes an address
port assignment. The FIND logic operation, tuned to look for this flag in the SRAM, filters out addresses that
have not changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com