Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 72 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 72 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 68Page - Texas Instruments TNETX15VE Datasheet HTML 69Page - Texas Instruments TNETX15VE Datasheet HTML 70Page - Texas Instruments TNETX15VE Datasheet HTML 71Page - Texas Instruments TNETX15VE Datasheet HTML 72Page - Texas Instruments TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
72
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial interface – MII-managed devices
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
SIO
0x08
The TNETX15VE gives the programmer an easy way to implement a software-controlled bit-serial interface.
This interface is most appropriate in implementing a media-independent interface (MII) management serial
interface.
MII devices, which implement the management interface consisting of MDIO and MDCLK, are accessed in this
way though the SIO register. In addition (for PHYs that support this) the TNETX15VE implements a third
MII-management signal, MRESET, to hardware-reset MII PHYs.
MDIO requires an external pullup for operation. The I/O direction is controlled by the MTXEN bit, and the
external terminal state is set from or read in MDATA. The complete serial interface (MDIO, MDCLK, MRESET)
can be placed in a high-Z state through the MDIOEN bit in SIO. High-Z support is needed to prevent two or more
devices from driving the MII bus at the same time.
The TNETX15VE does not implement any timing or data structure on its serial interface. Appropriate timing and
frame format must be assured by the management software by setting or clearing bits at the right time and in
the right order. Refer to the IEEE Std 802.3u specification and the data sheet for the MII-managed device for
the nature and timing of the MII waveforms.
x24C02 EEPROM interface
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
SIO
Control
0x08
The flash EEPROM interface is provided so the system-level manufacturers can provide an optional configured
system to their customers. Customers can change or reconfigure the system and retain preferences between
system power downs. The flash EEPROM contains configuration and initialization information that is accessed
infrequently (typically at power up and reset). The host can write to the EEPROM through this SIO register
interface.
The TNETX15VE implements a two-wire serial interface, consisting of EDIO and EDCLK that communicates
with the EEPROM. Similar to the MII interface, the TNETX15VE does not implement any timing or data structure
on its serial interface. Appropriate timing and frame format must be ensured by the management software by
setting or clearing bits at the right times. There are no limits to the size or organization of the EEPROM when
the host is driving this interface, but these same terminals are used by an internal state machine to load the
contents of the EEPROM into internal registers. This state machine expects a 24C02 (as device 0) on the serial
bus. Refer to the manufacturer’s data sheet for a description of the EEPROM waveforms.
If an EEPROM is not installed, EDIO should be tied low. For EEPROM operation, EDIO and EDCLK require an
external pullup (see EEPROM data sheet). TNETX15VE detects the presence or absence of the EEPROM and
indicates this in the NEEPM bit of the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com