Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 11Page - Texas Instruments TNETX15VE Datasheet HTML 12Page - Texas Instruments TNETX15VE Datasheet HTML 13Page - Texas Instruments TNETX15VE Datasheet HTML 14Page - Texas Instruments TNETX15VE Datasheet HTML 15Page - Texas Instruments TNETX15VE Datasheet HTML 16Page - Texas Instruments TNETX15VE Datasheet HTML 17Page - Texas Instruments TNETX15VE Datasheet HTML 18Page - Texas Instruments TNETX15VE Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DIO data register DIODATA at SAD1–SAD0 = 10b (DIO)
The DIO data register address allows indirect access to internal TNETX15VE registers. This is a temporary
staging register for data being written through to an internal register (write) or fetched from an internal register
(read).
DIO data auto-increment register DIODATAINC at SAD1–SAD0 = 11b (DIO)
The DIO data auto-increment register address allows indirect access to internal TNETX15VE registers. This
is a temporary staging register for data being written through to an internal register (write) or fetched from an
internal register (read). Accesses to this register cause a post-increment of the DIO address register.
internal register map
The DIO addresses for the internal registers are shown in the following:
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Agingtimer (see Note 1)
RAMsize (see Note 1)
Revision
0x00
NLRNports (see Note 1)
0x04
FindVLANID
SIO
Control (see Note 1)
0x08
Findnode23–Findnode16
Findnode31–Findnode24
Findnode39–Findnode32
Findnode47–Findnode40
0x0C
Findport
Findnode7–Findnode0
Findnode15–Findnode8
0x10
SECVIOctr
Findcontrol
Findnodeage
0x14
Unkmultictr
Unkunictr
0x18
Numnodes
0x1C
MANtest
RAMaddr
0x20
RAMdata
0x24
Intmask
Int
0x28
AddVLANID
Adddelcontrol
0x2C
Newnode23–Newnode16
Newnode31–Newnode24
Newnode39–Newnode32
Newnode47–Newnode40
0x30
Newport
Newnode7–Newnode0
Newnode15–Newnode8
0x34
Addnode23–Addnode16
Addnode31–Addnode24
Addnode39–Addnode32
Addnode47–Addnode40
0x38
Addport
Addnode7–Addnode0
Addnode15–Addnode8
0x3C
Agednode23–Agednode16
Agednode31–Agednode24
Agednode39–Agednode32
Agednode47–Agednode40
0x40
AgedVLAN
Agedport
Agednode7–Agednode0
Agednode15–Agednode8
0x44
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delport
DelVLANID
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
VLANmask1 (see Note 1)
VLANmask0 (see Note 1)
0x50
VLANmask3 (see Note 1)
VLANmask2 (see Note 1)
0x54
0x58
0x5C
0x60
0x64
0x68
0x6C
NOTE 1: These registers are automatically loaded from the attached EEPROM when the LOAD bit in the control register is set or when the
TNETX15VE is hardware reset by either deasserting the RESET terminal or by setting DIO address high to 0x40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com