Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 30 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments TNETX15VE Datasheet HTML 30Page - Texas Instruments TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
30
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
lookup table search control register, findcontrol at 0x16 (DIO)
The management logic uses the findcontrol register to scan the lookup table for addresses. Five commands
are available: findfirst (FIRST), findnext (NEXT), findnew (NEW), find (LKUP), and findFIFO (NBFR). Variations
on these commands can be achieved by the use of the PORT and VLAN modifier bits for all find commands
except findFIFO and find. Only one command is valid at one time. Example: a findfirst and a findnext command
cannot be issued at the same time (0x06). The TNETX15VE ignores all multiple commands. This register is a
read/write register. When the FIND logic is operating, this register is locked and writes are ignored, allowing the
DIO cycle to complete. The bits remain as written while running. Polling this register or using a FNDCPLT
interrupt determines the completeness of the find command (if the find command is complete, the bits used to
start the command execution are cleared). The PORT and VLAN modifiers can be used at the same time to
increase the pool of available match candidates.
BIT
7
6
5
4
3
2
1
0
FOUND
NEW
NBFR
PORT
VLAN
FIRST
NEXT
LKUP
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
FOUND
Address found. If the address contained in the findnode register is found in the table, FOUND is asserted.
The data contained in the find interface (findVLANID, findnode, findport, and findnodeage) is valid only when
this bit is 1. This is a read-only bit.
6
NEW
New address finds. When NEW is 1, the TNETX15VE scans the address table for the first address, which
is marked as NEW. After successful finds, the NEW flag is cleared. All searches for addresses with the NEW
bit set start at the beginning of the table.
5
NBFR
Nonblocked FIFO read. Setting the NBFR bit requests information from the top of the NBLOCK FIFO (if
present). If there is an entry in the FIFO, the information is returned in the findnode and findport locations,
and the FOUND bit is set to 1. If there is not an entry in the FIFO, the FOUND bit is set to 0. The NBFR bit
stays set until the command finishes. There is an interrupt available to signal when the NBLCK FIFO is not
empty and should be searched with this command bit.
4
PORT
Find modifier – find by port. PORT is used with the FIRST, NEXT, NEW, and LKUP bits to find the unicast
address whose port assignment matches the port contained in the portcode field of the findport register.
3
VLAN
Find modifier – find by VLAN ID. VLAN is used with the FIRST, NEXT, NEW, and LKUP bits to find addresses
whose VLAN ID matches the VLAN ID contained in the findVLANID register.
2
FIRST
Lookup first address. When FIRST is 1, the TNETX15VE scans the address table for the first valid address.
It returns this address to the findnode register.
1
NEXT
Lookup next addresses. When asserted, the TNETX15VE scans the address table for the next available
address after the address currently in the findnode registers (0xC–0x11). It returns this next address to the
findnode register.
0
LKUP
Address lookup. When asserted, the TNETX15VE scans the address table for the address contained in the
findnode register. If found, the FOUND bit reads 1; if not found, it reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com