Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 54Page - Texas Instruments TNETX15VE Datasheet HTML 55Page - Texas Instruments TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments TNETX15VE Datasheet HTML 59Page - Texas Instruments TNETX15VE Datasheet HTML 60Page - Texas Instruments TNETX15VE Datasheet HTML 61Page - Texas Instruments TNETX15VE Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
a graphical example of the lookup algorithm (continued)
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
Figure 7. Example of Lookup-Number Algorithm (Adding 0xB0)
0xB0 follows exactly the same thread as 0xB2 and the only difference between the two is in the last table. 0xB0
matches offset 00b while 0xB2 matches offset 10b. There are now two numbers being represented, but there
are still the same number of tables allocated (four).
Continuing this example, we can add 0xB1 and 0xB2 with the same number of tables allocated. This is called
the best-case scenario since the maximum amount of addresses can be stored in the minimum amount of
memory. Now add 0x22 (00.10.00.10b) to a lookup table containing only 0xB2. Figure 8 shows the results.
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
Figure 8. Example of Lookup-Number Algorithm (Adding 0x22)
Adding 0x22 requires allocating three additional tables. Seven tables are now required to hold two addresses.
Compared to numbers that differ in their least-significant bits, numbers that differ in their most-significant bits
require more tables. Continuing the example, adding 0x2A requires an additional three tables, as would 0xE2.
This is the worst-case scenario, and it is the least-efficient way of storing addresses.
The TNETX15VE is designed to handle the worst-case address distribution. The worst-case address
distribution requires a separate thread per address. A purely random distribution creates multiple threads at the
top levels. The most-significant bits of a network card address are the vendor bits. However (in most networks)
there are only a couple of vendors used. These cards do not have a purely random address distribution, and
they all share a common set of bits that identifies the vendor. This configuration requires fewer pointers for the
same number of addresses. In such a network, the tables look more like those in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com