Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 18Page - Texas Instruments TNETX15VE Datasheet HTML 19Page - Texas Instruments TNETX15VE Datasheet HTML 20Page - Texas Instruments TNETX15VE Datasheet HTML 21Page - Texas Instruments TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
age-deletion time-select register, agingtimer at 0x02–0x03 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Agingtimer
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The agingtimer register is 16 bits wide and is used to control the aging process. There are two aging modes,
and the modes are selected according to the value of this register:
• When agingtimer is 0 or 0xFFFF, the TNETX15VE performs table-full aging. TNETX15VE ages out the
oldest address (only when the lookup table becomes full).
• When agingtimer is not 0 or 0xFFFF, the TNETX15VE performs threshold aging. The value in the
Agingtimer is the time threshold in seconds. All addresses that are older than this time are aged out.
Aging does not delete addresses that have been secured, and multicast addresses also are not aged. Aging
is disabled when the NAUTO bit in the control register is set. It is management’s responsibility in NAUTO mode
to manage the lookup table.
All bits in this register are read/writeable and default to 0x0 during reset. This field also is automatically loaded
from the EEPROM when the RESET terminal is asserted low, when the DIO address high register contains 0x40
or when LOAD in the control register is set to 1.
learning-disable register, NLRNports at 0x04–0x05 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
NLRNports
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The NLRNports register disables learning for the ports whose corresponding bit is 1. Frames are still received
and routed but they cause no additions to the lookup table. This register is automatically loaded from the
EEPROM in a hardware reset (RESET = 0 or when the DIO address-high register contains 0x40) or when the
LOAD bit in the control register is set. It is read/write at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com