Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 101 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 101 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 97Page - Texas Instruments TNETX15VE Datasheet HTML 98Page - Texas Instruments TNETX15VE Datasheet HTML 99Page - Texas Instruments TNETX15VE Datasheet HTML 100Page - Texas Instruments TNETX15VE Datasheet HTML 101Page - Texas Instruments TNETX15VE Datasheet HTML 102Page - Texas Instruments TNETX15VE Datasheet HTML 103Page - Texas Instruments TNETX15VE Datasheet HTML 104Page - Texas Instruments TNETX15VE Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
101
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements (see Figure 26)
RESET (software) timing
NO.
MIN
MAX
UNIT
1
tw(RESET)
Pulse duration, RESET low
3
µs
2
tsu(RESET)
Setup time, RESET low before OSCIN
7
ns
3
th(RESET)
Hold time, RESET low after OSCIN
10
ns
OSCIN
(input)
VCC(5V)
(input)
VCC
(input)
2
1
RESET
(input)
Normal Operation
Signals†
3
† Outputs are floated during reset. Inputs and I/O’s that are not connected to a known logic state at all times, including reset, should have a pullup
or pulldown resistor.
Figure 26. Reset (Software) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com