Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 110 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 110 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 105Page - Texas Instruments TNETX15VE Datasheet HTML 106Page - Texas Instruments TNETX15VE Datasheet HTML 107Page - Texas Instruments TNETX15VE Datasheet HTML 108Page - Texas Instruments TNETX15VE Datasheet HTML 109Page - Texas Instruments TNETX15VE Datasheet HTML 110Page - Texas Instruments TNETX15VE Datasheet HTML 111Page - Texas Instruments TNETX15VE Datasheet HTML 112Page - Texas Instruments TNETX15VE Datasheet HTML 113Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
110
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
spanning-tree support
The TNETX15VE is designed to simplify the spanning-tree protocol. The TNETX15VE uses registers that affect
routing and learning; these are useful for the spanning-tree states.
learning state
A port in the learning state does not forward frames that are received on this port to the rest of the network. It
does not transmit frames that are ordinarily routed to this port. Learning is enabled for this port and the
addresses on the port are added to the lookup table.
To place a port in a learning state, its corresponding bit in TXblock and RXblock are set to 1. Its corresponding
bit in NLRNport is cleared, which enables learning.
blocking/listening/disabled state
A port in this state does not transmit frames that are sourced by this port to the rest of the network. It does not
forward frames that are ordinarily routed to this port. Learning is disabled for this port.
To place a port in a blocking/listening/disabled state, its corresponding bit in TXblock, RXblock, and NLRNport
is set to 1.
forwarding state
A port in the forwarding state does not block traffic through the port. Frames that are sourced by this port are
routed to the rest of the network. Frames that are routed to this port are transmitted. Learning is enabled for this
port and the addresses on the port are added to the lookup table.
To place a port in a learning state, its corresponding bit in TXblock, RXblock, and NLRNports is cleared.
setting up the TNETX15VE to accept BPDUs (determining source port for the BPDUs)
The NBLCK bit in the TNETX15VE is implemented to allow for easy BPDU reception and for determining the
source port that originated the frame. To set up the system (to accept BPDUs), the programmer must:
• Program the BPDU addresses into the TNETX15VE with the NBLCK bit set to 1 and the destination
address pointing to the port that contains the MAC for the management CPU.
• All BPDU frames are forwarded to the inband CPU. Since the NBLCK bit is set to 1, the TNETX15VE
places the source address of this frame in the NBLCK RX FIFO. The NBLCK bit allows the reception of
BPDUs when a port is RXblocked.
• On reception of BPDU frames, the source port is read for this frame from the NBLCK RX FIFO. The
FIND logic operation is used for this task.
transmitting BPDU frames
The CPUTX register is implemented in the TNETX15VE to allow for easy transmission of BPDU frames. The
CPUTX register overrides the LKUP logic operation and the TXblock register. In this way, transmissions to ports
that have been TXblocked are performed. To transmit a BPDU frame to a specific port, the programmer must:
• ProgramtheCPUTXregistertopointtotheportwheretheBPDUframecomesfrom(usuallytheinband
CPU is connected to this port).
• Program the CPUTX register to point to the port where the BPDU frame is to be transmitted.
• Transmitstheframe.TheframeenterstheTNETX3150/TNETX3150A,goesoutontheDRAMbus,and
the TNETX15VE matches the source port. When the source port is matched, the TNETX15VE directs
the frame to the destination port in CPUTX. It then disables the CPUTX register.
• Repeat the procedure for additional frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com