Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 20Page - NXP Semiconductors MFRC63002R Datasheet HTML 21Page - NXP Semiconductors MFRC63002R Datasheet HTML 22Page - NXP Semiconductors MFRC63002R Datasheet HTML 23Page - NXP Semiconductors MFRC63002R Datasheet HTML 24Page - NXP Semiconductors MFRC63002R Datasheet HTML 25Page - NXP Semiconductors MFRC63002R Datasheet HTML 26Page - NXP Semiconductors MFRC63002R Datasheet HTML 27Page - NXP Semiconductors MFRC63002R Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
24 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.4.5.2
SAM connection
The MFRC630 provides an interface to connect a SAM dedicated to the MFRC630. Both
interface options of the MFRC630, I2C or I2CL can be used for this purpose. The interface
option of the SAM itself is configured by a host command sent from the host to the SAM.
The I2CL interface is intended to be used as connection between two IC’s over a short
distance. The protocol fulfills the I2C specification, but does support a single device
connected to the bus only.
8.4.6 Boundary scan interface
The MFRC630 provides a boundary scan interface according to the IEEE 1149.1. This
interface allows to test interconnections without using physical test probes. This is done
by test cells, assigned to each pin, which override the functionality of this pin.
To be able to program the test cells, the following commands are supported:
The Standard IEEE 1149.1 describes the four basic blocks necessary to use this interface:
Test Access Port (TAP), TAP controller, TAP instruction register, TAP data register;
Fig 18. I2C interface enables convenient MIFARE SAM integration
μC
Reader
T=1
I2C
I2C
aaa-002963
SAM
AV2.6
READER
IC
Table 17.
Boundary scan command
Value
(decimal)
Command
Parameter in
Parameter out
0
bypass
-
-
1
preload
data (24)
-
1
sample
-
data (24)
2
ID code (default)
-
data (32)
3
USER code
-
data (32)
4Clamp
-
-
5HIGH Z
-
-
7
extest
data (24)
data (24)
8
interface on/off
interface (1)
-
9
register access read
address (7)
data (8)
10
register access write
address (7) - data (8)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com