Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors MFRC63002R Datasheet HTML 50Page - NXP Semiconductors MFRC63002R Datasheet HTML 51Page - NXP Semiconductors MFRC63002R Datasheet HTML 52Page - NXP Semiconductors MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
52 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
Reads out the EEPROM and copies the values to the RX-Protected area and to the TX-
protected area. These are all important registers to a Protocol selection.
Abort condition: Insufficient parameter in FIFO
[1]
For more protocol details please refer to Section 8 “Functional description”.
[1]
For more protocol details please refer to Section 8 “Functional description”.
8.10.3.13
LoadKeyE2 command
Command (0Eh), Parameter1 (key number);
Loads a MIFARE key for authentication from the EEPROM into the crypto 1 unit.
Abort condition: Insufficient parameter in FIFO; KeyNr is outside the MKA.
8.10.3.14
StoreKeyE2 command
Command (0Fh), Parameter1 (KeyNr), Parameter2(keybyte1), Parameter3(keybyte2),
Parameter4(keybyte3), Parameter5(keybyte4), Parameter6(keybyte5), Parameter7
(keybyte6);
Stores MIFARE Keys into the EEPROM. The key number parameter indicates the first key
(n) in the MKA that will be written. If more than one MIFARE Key is available in the FIFO
then the next key (n+1) will be written until the FIFO is empty. If an incomplete key (less
than 6 bytes) is written into the FIFO, this key will be ignored and will remain in the FIFO.
Abort condition: Insufficient parameter in FIFO; KeyNr is outside the MKA;
8.10.3.15
GetRNR command
Command (1Ch);
This command is reading Random Numbers from the random number generator of the
MFRC630. The Random Numbers are copied to the FIFO until the FIFO is full.
Table 35.
Predefined protocol overview RX[1]
Protocol
Number
(decimal)
Protocol
Receiver speed
[kbits/s]
Receiver Coding
00
ISO/IEC14443 A
106
Manchester SubC
01
ISO/IEC14443 A
212
BPSK
02
ISO/IEC14443 A
424
BPSK
03
ISO/IEC14443 A
848
BPSK
Table 36.
Predefined protocol overview TX[1]
Protocol
Number
(decimal)
Protocol
Transmitter speed
[kbits/s]
Transmitter Coding
00
ISO/IEC14443 A
106
Miller
01
ISO/IEC14443 A
212
Miller
02
ISO/IEC14443 A
424
Miller
03
ISO/IEC14443 A
848
Miller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com