Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 5 Page - NXP Semiconductors

  MFRC63002R Datasheet HTML 1Page - NXP Semiconductors MFRC63002R Datasheet HTML 2Page - NXP Semiconductors MFRC63002R Datasheet HTML 3Page - NXP Semiconductors MFRC63002R Datasheet HTML 4Page - NXP Semiconductors MFRC63002R Datasheet HTML 5Page - NXP Semiconductors MFRC63002R Datasheet HTML 6Page - NXP Semiconductors MFRC63002R Datasheet HTML 7Page - NXP Semiconductors MFRC63002R Datasheet HTML 8Page - NXP Semiconductors MFRC63002R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
5 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
7.1 Pin description
[1]
This pin is used for connection of a buffer capacitor. Connection of a supply voltage might damage the device.
Table 3.
Pin description
Pin
Symbol
Type
Description
1
TDO
O
test data output for boundary scan interface
2
TDI
I
test data input boundary scan interface
3
TMS
I
test mode select boundary scan interface
4
TCK
I
test clock boundary scan interface
5
SIGIN
I
Contactless communication interface output.
6
SIGOUT
O
Contactless communication interface input.
7
DVDD
PWR
digital power supply buffer [1]
8
VDD
PWR
power supply
9
AVDD
PWR
analog power supply buffer [1]
10
AUX1
O
auxiliary outputs: Pin is used for analog test signal
11
AUX2
O
auxiliary outputs: Pin is used for analog test signal
12
RXP
I
receiver input pin for the received RF signal.
13
RXN
I
receiver input pin for the received RF signal.
14
VMID
PWR
internal receiver reference voltage [1]
15
TX2
O
transmitter 2: delivers the modulated 13.56 MHz carrier
16
TVSS
PWR
transmitter ground, supplies the output stage of TX1, TX2
17
TX1
O
transmitter 1: delivers the modulated 13.56 MHz carrier
18
TVDD
PWR
transmitter voltage supply
19
XTAL1
I
crystal oscillator input: Input to the inverting amplifier of the oscillator. This is pin is also the
input for an externally generated clock (fosc = 27,12 MHz)
20
XTAL2
O
crystal oscillator output: output of the inverting amplifier of the oscillator
21
PDOWN
I
Power Down
22
CLKOUT
O
clock output
23
SCL
O
Serial Clock line
24
SDA
I/O
Serial Data Line
25
PVDD
PWR
pad power supply
26
IFSEL0
I
host interface selection 0
27
IFSEL1
I
host interface selection 1
28
IF0
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C, I2C-L
29
IF1
I/O
interface pin, multifunction pin: Can be assigned to host interface SPI, I2C, I2C-L
30
IF2
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C, I2C-L
31
IF3
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C, I2C-L
32
IRQ
O
interrupt request: output to signal an interrupt event
33
VSS
PWR
ground and heatsink connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com