Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors MFRC63002R Datasheet HTML 91Page - NXP Semiconductors MFRC63002R Datasheet HTML 92Page - NXP Semiconductors MFRC63002R Datasheet HTML 93Page - NXP Semiconductors MFRC63002R Datasheet HTML 94Page - NXP Semiconductors MFRC63002R Datasheet HTML 95Page - NXP Semiconductors MFRC63002R Datasheet HTML 96Page - NXP Semiconductors MFRC63002R Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
93 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.14 Low-power card detection configuration registers
The LPCD registers contain the settings for the low-power card detection. The setting for
LPCD_IMax (6 bits) is done by the two highest bits (bit 7, bit 6) of the registers
LPCD_QMin, LPCD_QMax and LPCD_IMin each.
9.14.1 LPCD_QMin
9.14.2 LPCD_QMax
5RFU
6RFU
7RFU
88
99
10
10
...
...
253
253
254
254
Table 168. Setting for the output divider ratio PLLDiv_Out [7:0]
Value
Division
Table 169. LPCD_QMin register (address 3Fh)
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.5
LPCD_IMax.4
LPCD_QMin
Access
rights
r/w
r/w
r/w
Table 170. LPCD_QMin bits
Bit
Symbol
Description
7, 6
LPCD_IMax
Defines the highest two bits of the higher border for the LPCD. If the
measurement value of the I channel is higher than LPCD_IMax, a
LPCD interrupt request is indicated by bit IRQ0.LPCDIrq.
5 to 0
LPCD_QMin
Defines the lower border for the LPCD. If the measurement value of
the Q channel is higher than LPCD_QMin, a LPCDinterrupt request is
indicated by bit IRQ0.LPCDIrq.
Table 171. LPCD_QMax register (address 40h)
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.3
LPCD_IMax.2
LPCD_QMax
Access
rights
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com