Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 80Page - NXP Semiconductors MFRC63002R Datasheet HTML 81Page - NXP Semiconductors MFRC63002R Datasheet HTML 82Page - NXP Semiconductors MFRC63002R Datasheet HTML 83Page - NXP Semiconductors MFRC63002R Datasheet HTML 84Page - NXP Semiconductors MFRC63002R Datasheet HTML 85Page - NXP Semiconductors MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
84 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.10.3 TxSym10BurstLen
If a protocol requires a burst (an unmodulated subcarrier) the length can be defined with
this TxSymBurstLen, the value high or low can be defined by TxSym10BurstCtrl.
9.10.4 TxWaitCtrl
Table 137. TxSym10BurstLen register (address 30h)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
Sym1Burst Len
RFU
RFU
Access
rights
-r/w
-
-
Table 138. TxSym10BurstLen bits
Bit
Symbol
Description
7RFU
-
6 to 4
Sym1BurstLen Specifies the number of bits issued for symbol 1 burst. The 3 bits
encodes a range from 8 to 256 bit:
00h - 8bit
01h - 16bit
02h - 32bit
04h - 48bit
05h - 64bit
06h - 96bit
07h - 128bit
08h - 256bit
3 to 0
RFU
-
Table 139. TxWaitCtrl register (address 31h); reset value: C0h
Bit
7
6
5
4
3
2
1
0
Symbol
TxWaitStart
TxWaitEtu
TxWait High
RFU
Access
rights
r/w
r/w
r/w
-
Table 140. TXWaitCtrl bits
Bit
Symbol
Description
7
TxWaitStart
If cleared, the TxWait time is starting at the End of the send data
(TX).
If set, the TxWait time is starting at the End of the received data
(RX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com