Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors MFRC63002R Datasheet HTML 59Page - NXP Semiconductors MFRC63002R Datasheet HTML 60Page - NXP Semiconductors MFRC63002R Datasheet HTML 61Page - NXP Semiconductors MFRC63002R Datasheet HTML 62Page - NXP Semiconductors MFRC63002R Datasheet HTML 63Page - NXP Semiconductors MFRC63002R Datasheet HTML 64Page - NXP Semiconductors MFRC63002R Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
61 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.5.1 IRQ0 register
Interrupt request register 0.
9.5.2 IRQ1 register
Interrupt request register 1.
Table 51.
IRQ0 register (address 06h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
Set
Hi AlertIrq
Lo AlertIrq
IdleIrq
TxIrq
RxIrq
ErrIrq
RxSOF
Irq
Access
rights
wdy
dy
dy
dy
dy
dy
dy
Table 52.
IRQ0 bits
Bit
Symbol
Description
7
Set
1: writing a 1 to a bit position 6..0 sets the interrupt request
0: Writing a 1 to a bit position 6..0 clears the interrupt request
6
HiAlerIrq
Set, when bit HiAlert in register Status1Reg is set. In opposition to HiAlert,
HiAlertIrq stores this event and can only be reset if Set is cleared.
5
LoAlertIrq
Set, when bit LoAlert in register Status1 is set. In opposition to LoAlert,
LoAlertIrq stores this event and can only be reset if Set is cleared
4
IdleIrq
Set, when a command terminates by itself e.g. when the Command changes
its value from any command to the Idle command. If an unknown command
is started, the Command changes its content to the idle state and the bit
IdleIRq is set. Starting the Idle command by the Controller does not set bit
IdleIRq.
3
TxIrq
Set, when data transmission is completed, which is immediately after the last
bit is sent.
2
RxIrq
Set, when the receiver detects the end of a data stream.
Note: This flag is no indication that the received data stream is correct. The
error flags have to be evaluated to get the status of the reception.
1
ErrIrq
Set, when the one of the following errors is set:
FifoWrErr, FiFoOvl, ProtErr, NoDataErr, IntegErr
0
RxSOFlrq
Set, when a SOF or a subcarrier is detected
Table 53.
IRQ1 register (address 07h)
Bit
7
6
5
4
3
2
1
0
Symbol
Set
GlobalIrq
LPCD_Irq
Timer4Irq
Timer3Irq
Timer2Irq
Timer1Irq
Timer0Irq
Access
rights
wdy
dy
dy
dy
dy
dy
dy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com