Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors MFRC63002R Datasheet HTML 91Page - NXP Semiconductors MFRC63002R Datasheet HTML 92Page - NXP Semiconductors MFRC63002R Datasheet HTML 93Page - NXP Semiconductors MFRC63002R Datasheet HTML 94Page - NXP Semiconductors MFRC63002R Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
91 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.13.2 LPO_Trimm
9.13.3 PLL_Ctrl Register
The PLL_Ctrl register implements the control register for the IntegerN PLL. Two stages
exist to create the ClkOut signal from the 27,12MHz input. In the first stage the 27,12Mhz
input signal is multiplied by the value defined in PLLDiv_FB and divided by two, and the
second stage divides this frequency by the value defined by PLLDIV_Out.
Table 160. RS232 speed settings
Transfer speed (kbit/s)
SerialSpeed register content (Hex.)
7,2
FA
9,6
EB
14,4
DA
19,2
CB
38,4
AB
57,6
9A
115,2
7A
128,0
74
230,4
5A
460,8
3A
921,6
1C
1228,8
15
Table 161. LPO_Trim register (address 3Ch)
Bit
7
6
5
4
3
2
1
0
Symbol
lpo_trimm
Access
rights
r/w
Table 162. LPO_Trim bits
Bit
Symbol
Description
7 to 0
lpo_trimm
Trimm value. Refer to Section 8.8.3 “Low-Power Oscillator (LPO)”
Note: If the trimm value is increased, the frequency of the oscillator
decreases.
Table 163. PLL_Ctrl register (address3Dh)
Bit
7
6
5
4
3
2
1
0
Symbol
ClkOutSel
ClkOut_En
PLL_PD
PLLDiv_FB
Access
rights
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com