Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 41Page - NXP Semiconductors MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
45 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
fout = 13.56 MHz  PLLDiv_FB /PLLDiv_Out
8.8.3 Low-Power Oscillator (LPO)
The Low-Power Oscillator (LPO) is implemented to drive a wake-up counter (WUC). This
wakes up the system in regular time intervals and eases the design of a reader that is
regularly polling for card presence or implements a low-power card detection.
The LPO is trimmed during production to run at 16 Khz. Unless a high accuracy of the
LPO is required by the application and the device is operated in an environment with
changing ambient temperatures, trimming of the LPO is not required. For a typical
application making use of the LPO for wake up from power down, the trim value set during
production can be used. Optional trimming to achieve a higher accuracy of the 16 Khz
LPO clock is supported by a digital state machine which compares LPO-clock to a
reference clock. As reference clockfrequency the 13.56 MHz crystal clock is available.
Table 33.
Divider values for selected frequencies using the integerN PLL
Frequency [MHz]
4
6
8
10
12
20
24
1.8432 3.6864
PLLDiv_FB
23
272328
232823
28
28
PLLDiv_Out
78
61
39
38
26
19
16
206
103
accuracy [%]
0.04 0.03 0.04 0.08 0.04 0.08 0.04 0.01
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com