Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 91Page - NXP Semiconductors MFRC63002R Datasheet HTML 92Page - NXP Semiconductors MFRC63002R Datasheet HTML 93Page - NXP Semiconductors MFRC63002R Datasheet HTML 94Page - NXP Semiconductors MFRC63002R Datasheet HTML 95Page - NXP Semiconductors MFRC63002R Datasheet HTML 96Page - NXP Semiconductors MFRC63002R Datasheet HTML 97Page - NXP Semiconductors MFRC63002R Datasheet HTML 98Page - NXP Semiconductors MFRC63002R Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
95 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.15 Pin configuration
9.15.1 PinEn
9.15.2 PinOut
Table 178. LPCD_Q_Result bits
Bit
Symbol
Description
7RFU
-
6
LPCD_Irq_Clr
If set no LPCD IRQ is raised any more until the next low-power
card detection procedure. Can be used by software to clear the
interrupt source.
5 to 0
LPCD_Q_Result
Shows the result of the last ow power card detection (Q-Channel).
Table 179. PinEn register (address 44h)
Bit
7
6
5
4
3
2
1
0
Symbol
SIGIN_EN
CLKOUT_EN
IFSEL1_EN
IFSEL0_EN
TCK_EN
TDI_EN
TDO_EN
TMS_EN
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 180. PinEn bits
Bit
Symbol
Description
7
SIGIN_EN
Enables the output functionality on SIGIN (pin 5). The pin is then used
as I/O.
6
CLKOUT_EN
Enables the output functionality of the CLKOUT (pin 22). The pin is
then used as I/O. The CLKOUT function is switched off.
5
IFSEL1_EN
Enables the output functionality of the IFSEL1 (pin 27). The pin is then
used as I/O.
4
IFSEL0_EN
Enables the output functionality of the IFSEL0 (pin 26). The pin is then
used as I/O.
3
TCK_EN
Enables the output functionality of the TCK (pin 4) of the boundary
scan interface. The pin is then used as I/O. If the boundary scan is
activated in EEPROM, this bit has no function.
2
TDI_EN
Enables the output functionality of the TDI (pin 2) of the boundary scan
interface. The pin is then used as I/O. If the boundary scan is activated
in EEPROM, this bit has no function.
1
TDO_EN
Enables the output functionality of the TDO (pin 1) of the boundary
scan interface. The pin is then used as I/O. If the boundary scan is
activated in EEPROM, this bit has no function.
0
TMS_EN
Enables the output functionality of the TMS (pin 3) of the boundary
scan interface. The pin is then used as I/O. If the boundary scan is
activated in EEPROM, this bit has no function.
Table 181. PinOut register (address 45h)
Bit
7
6
5
4
3
2
1
0
Symbol
SIGIN_OUT
CLKOUT_OUT
IFSEL1_OUT
IFSEL0_OUT
TCK_OU
T
TMI_OUT
TDO_OUT
TMS_OUT
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com