Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 11Page - NXP Semiconductors MFRC63002R Datasheet HTML 12Page - NXP Semiconductors MFRC63002R Datasheet HTML 13Page - NXP Semiconductors MFRC63002R Datasheet HTML 14Page - NXP Semiconductors MFRC63002R Datasheet HTML 15Page - NXP Semiconductors MFRC63002R Datasheet HTML 16Page - NXP Semiconductors MFRC63002R Datasheet HTML 17Page - NXP Semiconductors MFRC63002R Datasheet HTML 18Page - NXP Semiconductors MFRC63002R Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
15 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
Remark: To send more bytes in one data stream the NSS signal must be LOW during the
send process. To send more than one data stream the NSS signal must be HIGH between
each data stream.
8.4.3 RS232 interface
8.4.3.1
Selection of the transfer speeds
The internal UART interface is compatible to a RS232 serial interface.
Table 12 “Selectable transfer speeds” describes examples for different transfer speeds
and relevant register settings. The resulting transfer speed error is less than 1.5 % for all
described transfer speeds. The default transfer speed is 115.2 kbit/s.
To change the transfer speed, the host controller has to write a value for the new transfer
speed to the register SerialSpeedReg. The bits BR_T0 and BR_T1 define factors to set
the transfer speed in the SerialSpeedReg.
Table 11 “Settings of BR_T0 and BR_T1” describes the settings of BR_T0 and BR_T1.
Fig 8.
Connection to host with SPI
001aaj641
tSCKL
tNSSH
tSCKH
tSCKL
th(SCKL-Q)
tsu(D-SCKH)
th(SCKH-D)
th(SCKL-Q)
t(SCKL-NSSH)
SCK
MOSI
MISO
MSB
MSB
LSB
LSB
NSS
Table 11.
Settings of BR_T0 and BR_T1
BR_T0
01234567
factor BR_T0
1124816
32
64
range BR_T1
1 to 32
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
Table 12.
Selectable transfer speeds
Transfer speed (kbit/s)
Serial SpeedReg
Transfer speed accuracy (%)
(Hex.)
7.2
FA
0.25
9.6
EB
0.32
14.4
DA
0.25
19.2
CB
0.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com