Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 85 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 81Page - NXP Semiconductors MFRC63002R Datasheet HTML 82Page - NXP Semiconductors MFRC63002R Datasheet HTML 83Page - NXP Semiconductors MFRC63002R Datasheet HTML 84Page - NXP Semiconductors MFRC63002R Datasheet HTML 85Page - NXP Semiconductors MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
85 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
6
TxWaitEtu
If cleared, the TxWait time is TxWait
 16/13.56 MHz.
If set, the TxWait time is TxWait
 0.5 / DBFreq (DBFreq is the
frequency of the bit stream as defined by TxDataCon).
5 to 3
TxWait High
Bit extension of TxWaitLo. TxWaitCtrl bit 5 is MSB.
2 to 0
TxStopBitLength
Defines stop-bits and EGT (= stop-bit + extra guard time EGT) to
be send:
0h: no stop-bit, no EGT
1h: 1 stop-bit, no EGT
2h: 1 stop-bit + 1 EGT
3h: 1 stop-bit + 2 EGT
4h: 1 stop-bit + 3 EGT
5h: 1 stop-bit + 4 EGT
6h: 1 stop-bit + 5 EGT
7h: 1 stop-bit + 6 EGT
Note: This is only valid for ISO/IEC14443 Type B
Table 140. TXWaitCtrl bits
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com