Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 72Page - NXP Semiconductors MFRC63002R Datasheet HTML 73Page - NXP Semiconductors MFRC63002R Datasheet HTML 74Page - NXP Semiconductors MFRC63002R Datasheet HTML 75Page - NXP Semiconductors MFRC63002R Datasheet HTML 76Page - NXP Semiconductors MFRC63002R Datasheet HTML 77Page - NXP Semiconductors MFRC63002R Datasheet HTML 78Page - NXP Semiconductors MFRC63002R Datasheet HTML 79Page - NXP Semiconductors MFRC63002R Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
76 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.7.2.18
T3CounterValHi
High byte of the current counter value the 16-bit Timer3.
9.7.2.19
T3CounterValLo
Low byte of the current counter value the 16-bit Timer3.
9.7.2.20
T4Control
The wake-up timer T4 activates the system after a given time. If enabled, it can start the
low power card detection function.
Table 104. T3ReloadLo bits
Bit
Symbol
Description
7 to 0
T3ReloadLo
Defines the low byte of the reload value of Timer3. With the start event
the timer load the value of the T3ReloadValHi and T3RelaodValLo.
Changing this register affects the timer only at the next start event.
Table 105. T3CounterValHi register (address 21h)
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterHi
Access
rights
dy
Table 106. T3CounterValHi bits
Bit
Symbol
Description
7 to 0
T3Counter
ValHi
High byte of the current counter value of Timer3.
This value shall not be read out during reception.
Table 107. T3CounterValLo register (address 22h)
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterValLo
Access
rights
dy
Table 108. T3CounterValLo bits
Bit
Symbol
Description
7 to 0
T3Counter
ValLo
Low byte current counter value of Timer3.
This value shall not be read out during reception.
Table 109. T4Control register (address 23h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4Running
T4Start
StopNow
T4Auto
Trimm
T4Auto
LPCD
T4Auto
Restart
T4AutoWakeUp
T4Clk
Access
rights
dy
w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com