Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 36Page - NXP Semiconductors MFRC63002R Datasheet HTML 37Page - NXP Semiconductors MFRC63002R Datasheet HTML 38Page - NXP Semiconductors MFRC63002R Datasheet HTML 39Page - NXP Semiconductors MFRC63002R Datasheet HTML 40Page - NXP Semiconductors MFRC63002R Datasheet HTML 41Page - NXP Semiconductors MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
40 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.7.2 EEPROM memory organization
The MFRC630 has implemented a EEPROM non-volatile memory with a size of 8 kB.The
EEPROM is organized in pages of 64 bytes. One page of 64 bytes can be programmed at
a time. Defined purposes had been assigned to specific memory areas of the EEPROM,
which are called Sections. Five sections 0..4 with different purpose do exist.
The following figure show the structure of the EEPROM:
Table 24.
EEPROM memory organization
Section
Page
Byte
addresses
Access
rights
Memory content
0
0
00 to 31
r
product information and configuration
32 to 63
r/w
product configuration
1
1 to 2
64 to 191
r/w
register reset
2
3 to 95
192 to 6143
r/w
free
3
96 to 111
6144 to 7167
w
MIFARE key
4
112 to 128
7168 to 8191
r
Register Set Protocol (RSP)
Fig 26. Sector arrangement of the EEPROM
001aan359
Production and config
Section 0:
Register reset
Section 1:
Free
Section 2:
MIFARE key area (MKA)
Section 3:
RSP-Area for TX
Section 4_TX:
RSP-Area for RX
Section 4_RX:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com