Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors MFRC63002R Datasheet HTML 59Page - NXP Semiconductors MFRC63002R Datasheet HTML 60Page - NXP Semiconductors MFRC63002R Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
57 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.2 Command configuration
9.2.1 Command
Starts and stops command execution.
9.3 SAM configuration register
9.3.1 HostCtrl
Via the HostCtrl Register the interface access right can be controlled
Table 39.
Command register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
Standby
Modem
Off
RFU
Command
Access
rights
dy
r/w
-
dy
Table 40.
Command bits
Bit
Symbol
Description
7
Standby
Set to 1, the IC is entering power-down mode.
6
ModemOff
Set to logic 1, the receiver and the transmitter circuit is powering down.
5RFU
-
4 to 0
Command
Defines the actual command for the MFRC630.
Table 41.
HostCtrl register (address 01h);
Bit
7
6
5
4
3
2
1
0
Symbol
RegEn
BusHost
BusSAM
RFU
SAMInterface
SAMInterface
RFU
RFU
Access
rights
dy
r/w
r/w
-
r/w
r/w
-
-
Table 42.
HostCtrl bits
Bit
Symbol
Description
7
RegEn
If this bit is set to logic 1, the register can be changed at the next
register access. The next write access clears this bit automatically.
6
BusHost
Set to logic 1, the bus control enables the host interface. This bit
cannot be set together with BusSAM. This bit can only be set if the bit
RegEn was previously set.
5
BusSAM
Set to logic 1, the bus control enables the SAM interface. This bit
cannot be set together with BusHost. This bit can only be set if the bit
RegEn is previously set.
4RFU
-
3 to 2
SAMInterface
0h:Interface switched off
1h:Interface SPI active
2h:Interface I2CL active
3h:Interface I2C
1 to 0
RFU
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com