Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 31Page - NXP Semiconductors MFRC63002R Datasheet HTML 32Page - NXP Semiconductors MFRC63002R Datasheet HTML 33Page - NXP Semiconductors MFRC63002R Datasheet HTML 34Page - NXP Semiconductors MFRC63002R Datasheet HTML 35Page - NXP Semiconductors MFRC63002R Datasheet HTML 36Page - NXP Semiconductors MFRC63002R Datasheet HTML 37Page - NXP Semiconductors MFRC63002R Datasheet HTML 38Page - NXP Semiconductors MFRC63002R Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
35 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.6.3.2
Block diagram
Figure 23 shows the block diagram of the receiver circuitry. The receiving process
includes several steps. First the quadrature demodulation of the carrier signal of
13.56 MHz is done. Several tuning steps in this circuit are possible.
The receiver can also be operated in a single ended mode. In this case the
Rcv_RX_single bit has to be set. In the single ended mode, the two receiver pins RXP and
RXN need to be connected together and will provide a single ended signal to the receiver
circuitry.
When using the receiver in a single ended mode the receiver sensitivity is decreased and
the achievable reading distance might be reduced, compared to the fully differential mode.
The quadrature-demodulator uses two different clocks, Q-clock and I-clock, with a phase
shift of 90
 between them. Both resulting baseband signals are amplified, filtered, digitized
and forwarded to a correlation circuitry.
The typical application is intended to implement the Fully differential mode and will deliver
maximum reader/writer distance. The Quasi differential mode can be used together with
dedicated antenna topologies that allow a reduction of matching components at the cost
of overall reading performance.
Fig 23. Block diagram of receiver circuitry
Table 21.
Configuration for single or differential receiver
Mode
rcv_rx_single
pins RXP and RXN
Fully differential
0
provide differential signal from
differential antenna by separate
rx-coupling branches
Quasi differential
1
connect RXP and RXN together
and provide single ended signal
from antenna by a single
rx-coupling branch
001aan358
13.56 MHz
I/O CLOCK
GENERATION
I-clks
Q-clks
clk_27 MHz
TIMING
GENERATION
ADC
DATA
DATA
Adc_data_ready
clk_27 MHz
mixer
mix_out_i_p
2-stage BBA
mix_out_i_n
out_i_p
out_i_n
rx_p
rx_n
rx_p
rx_n
mixer
mix_out_q_p
2-stage BBA
mix_out_q_n
out_q_p
out_q_n
rcv_gain<1:0>
rcv_hpcf<1:0>
fully/quasi-differential
fully/quasi-differential
rcv_gain<1:0>
rcv_hpcf<1:0>
rx_p
rx_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com