Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 35Page - NXP Semiconductors MFRC63002R Datasheet HTML 36Page - NXP Semiconductors MFRC63002R Datasheet HTML 37Page - NXP Semiconductors MFRC63002R Datasheet HTML 38Page - NXP Semiconductors MFRC63002R Datasheet HTML 39Page - NXP Semiconductors MFRC63002R Datasheet HTML 40Page - NXP Semiconductors MFRC63002R Datasheet HTML 41Page - NXP Semiconductors MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
39 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.6.5 Symbol generator
The symbol generator is used to create various protocol symbols. These can be e.g. SOF
or EOF symbols as they are used by the ISO14443 protocols or proprietary protocol
symbols.
Symbols are defined by means of the symbol definition registers and the mode registers.
Four different symbols can be used. Two of them, Symbol0 and Symbol1 have a
maximum pattern length of 16 bit and feature a burst length of up to 256 bits of either logic
“0” or logic “1”. The Symbol2 and Symbol3 are limited to 8 bit pattern length and do not
support a burst.
The definition of symbol patterns is done by writing the bit sequence of the pattern to the
appropriate register. The last bit of the pattern to be sent is located at the LSB of the
register. By setting the symbol length in the symbol-length register (TxSym10Len and
TxSym32Len) the definition of the symbol pattern is completed. All other bits at
bit-position higher than the symbol length in the definition register are ignored. (Example:
length of Symbol2 = 5, bit7 and bit6 are ignored, bit5 to bit0 define the symbol pattern, bit5
is sent first)
Which symbol-pattern is sent can be configured in the TxFrameCon register. Symbol0,
Symbol1 and Symbol2 can be sent before data packets, Symbol1, Symbol2 and Symbol3
can be sent after data packets. Each symbol is defined by a set of registers. Symbols are
configured by a pair of registers. Symbol0 and Symbol1 share the same configuration and
Symbol2 and Symbol3 share the same configuration. The configuration includes setting of
bit-clock- and subcarrier-frequency, as well as selection of the pulse type/length and the
envelope type.
8.7 Memory
8.7.1 Memory overview
The MFRC630 implements three different memories: EEPROM, FIFO and Registers.
At startup, the initialization of the registers which define the behavior of the IC is
performed by an automatic copy of an EEPROM area (read/write EEPROM section1 and
section2, register reset) into the registers. The behavior of the MFRC630 can be changed
by executing the command LoadProtocol, which copies a selected default protocol from
the EEPROM (read only EEPROM section4, register Set Protocol area) into the registers.
The read/write EEPROM section2 can be used to store any user data or predefined
register settings. These predefined settings can be copied with the command
"LoadRegister" into the internal registers.
The FIFO is used as Input/Out buffer and is able to improve the performance of a system
with limited interface speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com