Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors MFRC63002R Datasheet HTML 50Page - NXP Semiconductors MFRC63002R Datasheet HTML 51Page - NXP Semiconductors MFRC63002R Datasheet HTML 52Page - NXP Semiconductors MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
51 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
The content of the FIFO is transmitted immediately after starting the command. Before
transmitting the FIFO content all relevant register have to be set to transmit data.
This command terminates automatically when the FIFO gets empty. It can be terminated
by any other command written to the command register.
8.10.3.7
Transceive command
Command (07h);
This command transmits data from the FIFO and receives data from the RF field at once.
The first action is transmitting and after a transmission the command is changed to
receive a data stream.
Each transmission process starts by writing the command into CommandReg.
Remark: If the bit RxMultiple in register RxModeReg is set to logic 1, this command will
never leave the receiving state, because the receiving will not be cancelled automatically.
8.10.3.8
WriteE2 command
Command (08h), Parameter1 (addressL), Parameter2 (addressH), Parameter3 (data);
This command writes one byte into the EEPROM. If the FIFO contains no data, the
command will wait until the data is available.
Abort condition: insufficient parameter in FIFO; Address-parameter outside of range.
8.10.3.9
WriteE2PAGE command
Command (09h), Parameter1 (page address), Parameter2 (data0), Parameter3...65
[data1 ..data63];
This command writes up to 64 bytes into the EEPROM.
Abort condition: Insufficient parameters in FIFO; Page address parameter outside of
range.
8.10.3.10
ReadE2 command
Command (0Ah), Parameter1 (addressL), Parameter2 (addressH), Parameter3 (length);
Reads up to 256 bytes from the EEPROM to the FIFO. If a read operation exceeds the
address 1FFFh, the read operation continues from address 0000h.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.11
LoadReg command
Command (0Ch), Parameter1 (EEPROM addressL),Parameter2 (EEPROM addressH),
Parameter3 (RegAdr), Parameter4 (number);
Read a defined number of bytes from the EEPROM and copies the value into the Register
set, beginning at the given address RegAdr.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.12
LoadProtocol command
Command (0Dh), Parameter1 (Protocol number RX), Parameter2 (Protocol number TX);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com