Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 52Page - NXP Semiconductors MFRC63002R Datasheet HTML 53Page - NXP Semiconductors MFRC63002R Datasheet HTML 54Page - NXP Semiconductors MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors MFRC63002R Datasheet HTML 59Page - NXP Semiconductors MFRC63002R Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
56 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
3Dh
PLL_Ctrl
IntegerN PLL control register, for microcontroller clock output adjustment
3Eh
PLL_DivOut
IntegerN PLL control register, for microcontroller clock output adjustment
3Fh
LPCD_QMin
Low-power card detection Q channel minimum threshold
40h
LPCD_QMax
Low-power card detection Q channel maximum threshold
41h
LPCD_IMin
Low-power card detection I channel minimum threshold
42h
LPCD_I_Result
Low-power card detection I channel result register
43h
LPCD_Q_Result
Low-power card detection Q channel result register
44h
PadEn
PIN enable register
45h
PadOut
PIN out register
46h
PadIn
PIN in register
47h
SigOut
Enables and controls the SIGOUT Pin
48h-5Fh
RFU
-
7Fh
Version
Version and subversion register
Table 38.
MFRC630 registers overview …continued
Address
Register name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com