Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 67Page - NXP Semiconductors MFRC63002R Datasheet HTML 68Page - NXP Semiconductors MFRC63002R Datasheet HTML 69Page - NXP Semiconductors MFRC63002R Datasheet HTML 70Page - NXP Semiconductors MFRC63002R Datasheet HTML 71Page - NXP Semiconductors MFRC63002R Datasheet HTML 72Page - NXP Semiconductors MFRC63002R Datasheet HTML 73Page - NXP Semiconductors MFRC63002R Datasheet HTML 74Page - NXP Semiconductors MFRC63002R Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
71 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.7.2.6
T1ReloadHi
High byte (MSB) reload value of the Timer1.
9.7.2.7
T1ReloadLo
Low byte (LSB) reload value of the Timer1.
Table 80.
T1Control bits
Bit
Symbol
Description
7
T1StopRx
If set, the timer stops after receiving the first 4 bits. If cleared, the timer
is not stopped automatically.
Note: If LFO trimming is selected by T1start, this bit has no effect.
6-
RFU
5 to 4
T1Start
00b: The timer is not started automatically
01b: The timer starts automatically at the end of the transmission
10b: Timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11b: Timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T1AutoRestart Set to logic 1, the timer automatically restarts its countdown from
T1ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRq is set to logic 1 when the timer underflows.
2-
RFU
1 to 0
T1Clk
00b: The timer input clock is 13.56 MHz
01b: The timer input clock is 211,875 kHz.
10b: The timer input clock is an underflow of Timer0
11b: The timer input clock is an underflow of Timer2
Table 81.
T0ReloadHi register (address 15h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadHi
Access
rights
r/w
Table 82.
T1ReloadHi bits
Bit
Symbol
Description
7 to 0
T1ReloadHi
Defines the high byte reload value of the Timer 1. With the start event
the timer loads the value of the T1ReloadValHi and T1ReloadValLo.
Changing this register affects the Timer only at the next start event.
Table 83.
T1ReloadLo register (address 16h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadLo
Access
rights
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com