Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 9Page - NXP Semiconductors MFRC63002R Datasheet HTML 10Page - NXP Semiconductors MFRC63002R Datasheet HTML 11Page - NXP Semiconductors MFRC63002R Datasheet HTML 12Page - NXP Semiconductors MFRC63002R Datasheet HTML 13Page - NXP Semiconductors MFRC63002R Datasheet HTML 14Page - NXP Semiconductors MFRC63002R Datasheet HTML 15Page - NXP Semiconductors MFRC63002R Datasheet HTML 16Page - NXP Semiconductors MFRC63002R Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
13 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.4.2 SPI interface
8.4.2.1
General
The MFRC630 acts as a slave during the SPI communication. The SPI clock SCK has to
be generated by the master. Data communication from the master to the slave uses the
Line MOSI. Line MISO is used to send data back from the MFRC630 to the master.
A serial peripheral interface (SPI compatible) is supported to enable high speed
communication to a host. The implemented SPI compatible interface is according to a
standard SPI interface. The SPI compatible interface can handle data speed of up to 10
Mbit/s. In the communication with a host MFRC630 acts as a slave receiving data from the
external host for register settings and to send and receive data relevant for the
communication on the RF interface.
On both data lines (MOSI, MISO) each data byte is sent by MSB first. Data on MOSI line
shall be stable on rising edge of the clock line (SCK) and is allowed to change on falling
edge. The same is valid for the MISO line. Data is provided by the MFRC630 on the falling
edge and is stable on the rising edge.The polarity of the clock is low at SPI idle.
8.4.2.2
Read data
To read out data from the MFRC630 by using the SPI compatible interface the following
byte order has to be used.
The first byte that is sent defines the mode (LSB bit) and the address.
Table 6.
Connection scheme for detecting the different interface types
Pin
Pin Symbol
UART
SPI
I2C
I2C-L
28
IF0
RX
MOSI
ADR1
ADR1
29
IF1
-
SCK
SCL
SCL
30
IF2
TX
MISO
ADR2
SDA
31
IF3
1
NSS
SDA
ADR2
26
IFSEL0
0
0
1
1
27
IFSEL1
0
1
0
1
Fig 7.
Connection to host with SPI
001aal998
READER IC
IF1
SCK
IF0
MOSI
IF2
MISO
IF3
NSS
Table 7.
Byte Order for MOSI and MISO
byte 0
byte 1
byte 2
byte 3 to n-1 byte n
byte n+1
MOSI
address 0
address 1
address 2
……..
address n
00h
MISO
X
data 0
data 1
……..
data n
 1data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com