Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors MFRC63002R Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
46 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.9 Power management
8.9.1 Supply concept
The MFRC630 is supplied by VDD (Supply Voltage), PVDD (Pad Supply) and TVDD
(Transmitter Power Supply). These three voltages are independent from each other.
To connect the MFRC630 to a Microcontroller supplied by 3.3 V, PVDD and VDD shall be
at a level of 3.3 V, TVDD can be in a range from 3.3 V to 5.0 V. A higher supply voltage at
TVDD will result in a higher field strength.
Independent of the voltage it is recommended to buffer these supplies with blocking
capacitances close to the terminals of the package. VDD and PVDD are recommended to
be blocked with a capacitor of 100 nF min, TVDD is recommended to be blocked with 2
capacitors, 100 nF parallel to 1.0
F
AVDD and DVDD are not supply input pins. They are output pins and shall be connected
to blocking capacitors 470 nF each.
8.9.2 Power reduction mode
8.9.2.1
Power-down
A hard power-down is enabled with HIGH level on pin PDOWN. This turns off the internal
1.8 V voltage regulators for the analog and digital core supply as well as the oscillator. All
digital input buffers are separated from the input pads and clamped internally (except pin
PDOWN itself). The output pins are switched to high impedance.
To leave the power-down mode the level at the pin PDOWN as to be set to LOW. This will
start the internal start-up sequence.
8.9.2.2
Standby mode
The standby mode is entered immediately after setting the bit PowerDown in the register
Command. All internal current sinks are switched off except the LFO. Voltage references
and voltage regulators will be set into stand-by mode.
In opposition to the power-down mode, the digital input buffers are not separated by the
input pads and keep their functionality. The digital output pins do not change their state.
During standby mode, all registers values, the FIFO’s content and the configuration itself
will keep its current content.
To leave the standby mode the bit PowerDown in the register Command is cleared. This
will trigger the internal start-up sequence. The reader IC is in full operation mode again
when the internal start-up sequence is finalized (the typical duration is 15 us).
Alternatively, a value of 55h can be sent to the MFRC630 using the RS232 interface to
leave the standby mode. Then read accesses shall be performed at address 00h until the
device returns the content of this address. The return of the content of address 00h
indicates that the device is ready to receive further commands and the internal start-up
sequence is finalized.
8.9.2.3
Modem off mode
When the ModemOff bit in the register Control is set the antenna transmitter and the
receiver are switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com