Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors MFRC63002R Datasheet HTML 91Page - NXP Semiconductors MFRC63002R Datasheet HTML 92Page - NXP Semiconductors MFRC63002R Datasheet HTML 93Page - NXP Semiconductors MFRC63002R Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
90 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.13 Clock configuration
9.13.1 SerialSpeed
This register allows to set speed of the RS232 interface. The default speed is set to
9,6kbit/s. The transmission speed of the interface can be changed by modifying the
entries for BR_T0 and BR_T1. The transfer speed can be calculated by using the
following formulas:
BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33) / 2^(BR_T0
 1)
The framing is implemented with 1 startbit, 8 databits and 1 stop bit. A parity bit is not
used. Transfer speeds above 1228,8 kbit/s are not supported.
Table 157. Effect of gain and highpass corner register settings
rcv_gain
(Hex.)
rcv_hpcf
(Hex.)
fl (kHz)
fU (MHz)
gain (dB20)
bandwith
(MHz)
03
00
38
2,3
60
2,3
03
01
79
2,4
59
2,3
03
02
150
2,6
58
2,5
03
03
264
2,9
55
2,6
02
00
41
2,3
51
2,3
02
01
83
2,4
50
2,3
02
02
157
2,6
49
2,4
02
03
272
3,0
41
2,7
01
00
42
2,6
43
2,6
01
01
84
2,7
42
2,6
01
02
157
2,9
41
2,7
01
03
273
3,3
39
3,0
00
00
43
2,6
35
2,6
00
01
85
2,7
34
2,6
00
02
159
2,9
33
2,7
00
03
276
3,4
30
3,1
Table 158. SerialSpeed register (address3Bh); reset value: 7Ah
Bit
7
6
5
4
3
2
1
0
Symbol
BR_T0
BR_T1
Access
rights
r/w
r/w
Table 159. SerialSpeed bits
Bit
Symbol Description
7 to 5 BR_T0
BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33) / 2^(BR_T0
 1)
4 to 0 BR_T1
BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33) / 2^(BR_T0
 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com