Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 73Page - NXP Semiconductors MFRC63002R Datasheet HTML 74Page - NXP Semiconductors MFRC63002R Datasheet HTML 75Page - NXP Semiconductors MFRC63002R Datasheet HTML 76Page - NXP Semiconductors MFRC63002R Datasheet HTML 77Page - NXP Semiconductors MFRC63002R Datasheet HTML 78Page - NXP Semiconductors MFRC63002R Datasheet HTML 79Page - NXP Semiconductors MFRC63002R Datasheet HTML 80Page - NXP Semiconductors MFRC63002R Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
77 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.7.2.21
T4ReloadHi
High byte of the reload value of the 16-bit timer 4.
9.7.2.22
T4ReloadLo
Low byte of the reload value of the 16-bit timer 4.
Table 110. T4Control bits
Bit
Symbol
Description
7
T4Running
Shows if the timer T4 is running. If the bit T4StartStopNow is set, this
bit and the timer T4 can be started/stopped.
6T4Start
StopNow
if set, the bit T4Running can be changed.
5
T4AutoTrimm
If set to one, the timer activates an LPO trimming procedure when it
underflows. For the T4AutoTrimm function, at least one timer (T0 to
T3) has to be configured properly for trimming (T3 is not allowed if
T4AutoLPCD is set in parallel).
4
T4AutoLPCD
If set to one, the timer activates a low-power card detection
sequence. If a card is detected an interrupt request is raised and the
system remains active if enabled. If no card is detected the
MFRC630 enters the Power down mode if enabled. The timer is
automatically restarted (no gap). Timer 3 is used to specify the time
where the RF field is enabled to check if a card is present. Therefor
you may not use Timer 3 for T4AutoTrimm in parallel.
3
T4AutoRestart
Set to logic 1, the timer automatically restarts its countdown from
T4ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops. The bit
Timer4Irq is set to logic 1 at timer underflow.
2
T4AutoWakeUp
If set, the MFRC630 wakes up automatically, when the timer T4 has
an underflow. This bit has to be set if the IC should enter the Power
down mode after T4AutoTrimm and/or T4AutoLPCD is finished and
no card has been detected. If the IC should stay active after one of
these procedures this bit has to be set to 0.
1 to 0
T4Clk
00b - the timer input clock is the LFO clock
01b - the timer input clock is the LFO clock/8
10b - the timer input clock is the LFO clock/16
11b - the timer input clock is the LFO clock/32
Table 111. T4ReloadHi register (address 24h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadHi
Access
rights
r/w
Table 112. T4ReloadHi bits
Bit
Symbol
Description
7 to 0
T4ReloadHi
Defines high byte of the for the reload value of timer 4. With the start
event the timer 4 loads the T4ReloadVal. Changing this register affects
the timer only at the next start event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com