Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 75Page - NXP Semiconductors MFRC63002R Datasheet HTML 76Page - NXP Semiconductors MFRC63002R Datasheet HTML 77Page - NXP Semiconductors MFRC63002R Datasheet HTML 78Page - NXP Semiconductors MFRC63002R Datasheet HTML 79Page - NXP Semiconductors MFRC63002R Datasheet HTML 80Page - NXP Semiconductors MFRC63002R Datasheet HTML 81Page - NXP Semiconductors MFRC63002R Datasheet HTML 82Page - NXP Semiconductors MFRC63002R Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
79 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.8.2 TxAmp
With the set_cw_amplitude register output power can be traded off against power supply
rejection. Spending more headroom leads to better power supply rejection ration and
better accuracy of the modulation degree.
With CwMax set, the voltage of TX1 will be pulled to the maximum possible. This register
overrides the settings made by set_cw_amplitude.
9.8.3 TxCon
Table 120. DrvMode bits
Bit
Symbol
Description
7
Tx2Inv
Inverts transmitter 2 at TX2 pin
6
Tx1Inv
Inverts transmitter 1 at TX1 pin
5RFU
4-
RFU
3
TxEn
If set to 1 both transmitter pins are enabled
2 to 0
TxClkMode
Transmitter clock settings (see 8.6.2. Table 27). Codes 011b and
0b110 are not supported. This register defines, if the output is
operated in open drain, push-pull, at high impedance or pulled to a fix
high or low level.
Table 121. TxAmp register (address 29h)
Bit
7
6
5
4
3
2
1
0
Symbol
set_cw_amplitude
-
set_residual_carrier
Access
rights
r/w
RFU
r/w
Table 122. TxAmp bits
Bit
Symbol
Description
7 to 6
set_cw_amplitude
Allows to reduce the output amplitude of the transmitter by a fix
value.
Four different preset values that are subtracted from TVDD can
be selected:
0: TVDD -100 mV
1: TVDD -250 mV
2: TVDD -500 mV
3: TVDD -1000 mV
5RFU
-
4 to 0
set_residual_ carrier
Set the residual carrier percentage. refer to Section 8.6.2
Table 123. TxCon register (address 2Ah)
Bit
7
6
5
4
3
2
1
0
Symbol
OvershootT2
CwMax
TxInv
TxSel
Access
rights
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com