Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 40Page - NXP Semiconductors MFRC63002R Datasheet HTML 41Page - NXP Semiconductors MFRC63002R Datasheet HTML 42Page - NXP Semiconductors MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
44 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.8 Clock generation
8.8.1 Crystal oscillator
The clock applied to the MFRC630 acts as time basis for generation of the carrier sent out
at TX and for the quadrature mixer I and Q clock generation as well as for the coder and
decoder of the synchronous system. Therefore stability of the clock frequency is an
important factor for proper performance. To obtain highest performance, clock jitter has to
be as small as possible. This is best achieved by using the internal oscillator buffer with
the recommended circuitry.
8.8.2 IntegerN PLL clock line
The MFRC630 is able to provide a clock with configurable frequency at CLKOUT from
1 MHz to 24 MHz (PLL_Ctrl and PLL_DIV). There it can serve as a clock source to a
microcontroller which avoids the need of a second crystal oscillator in the reader system.
Clock source for the IntegerN-PLL is the 27.12 MHz crystal oscillator.
Two dividers are determining the output frequency. First a feedback integer-N divider
configures the VCO frequency to be N
 fin/2 (control signal pll_set_divfb). As supported
Feedback Divider Ratios are 23, 27 and 28, VCO frequencies can be
23
 fin / 2 (312 MHz), 27  fin / 2 (366 MHz) and 28  fin / 2 (380 MHz).
The VCO frequency is divided by a factor which is defined by the output divider
(pll_set_divout). Table 33 “Divider values for selected frequencies using the integerN PLL”
shows the accuracy achieved for various frequencies (integer multiples of 1 MHz and
some typical RS232 frequencies) and the divider ratios to be used. The register bit
ClkOutEn enables the clock at CLKOUT pin.
The following formula can be used to calculate the output frequency:
Fig 27. Quartz connection
Table 32.
Crystal requirements recommendations
Symbol
Parameter
Conditions
Min
Typ
max
Unit
fxtal
crystal frequency
-
27.12
-
MHz
f
xtal/fxtal
relative crystal
frequency variation
250
-
+250
ppm
ESR
equivalent series
resistance
-50
100
CL
load capacitance
-
10
-
pF
Pxtal
crystal power
dissipation
-50
100
W
001aam308
27.12 MHz
XTAL1
XTAL2
READER IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com