Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 43Page - NXP Semiconductors MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors MFRC63002R Datasheet HTML 50Page - NXP Semiconductors MFRC63002R Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
47 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
To leave the modem off mode clears the ModemOff bit in the register Control.
8.9.3 Low-Power Card Detection (LPCD)
The low-power card detection is an energy saving modus when the MFRC630 is not fully
powered permanently.
The LPCD works in two phases. First the standby phase is controlled by the wake-up
counter (WUC), which defines the duration of the standby of the MFRC630. Second
phase is the detection-phase. In this phase the values of the I and Q channel are detected
and stored in the register map. (LPCD_I_Result, LPCD_Q_Result).This time period can
be handled with Timer3. The value is compared with the min/max values in the registers
(LPCD_IMin, LPCD_IMax; LPCD_QMin, LPCD_QMax). If it exceeds the limits, a LPCDIrq
is raised.
After the command LPCD the standby of the MFRC630 is activated, if selected. The
wake-up Timer4 can activate the system after a given time. For the LPCD it is
recommended to set T4AutoWakeUp and T4AutoRestart, to start the timer and then go to
standby. If a card is detected the timer stops and the communication can be started. If
T4AutoWakeUp is not set, the IC will not enter Standby mode in case no card is detected.
8.9.4 Reset and start-up time
A 10
s constant high level at the PDOWN pin starts the internal reset procedure.
The following figure shows the internal voltage regulator:
This internal procedure consists of two phases:
• Power on reset
• Startup time
When the MFRC630 has finished this two phases the reader IC is in Full mode and is
ready to be used. Refer to Section 13.1 “Timing characteristics”
Fig 28. Internal PDown to voltage regulator logic
001aan360
PVDD
PDown
VSS
GLITCH
FILTER
INTERNAL VOLTAGE
REGULATOR
VDD
VSS
1.8 V
1.8 V
AVDD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com