Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 25Page - NXP Semiconductors MFRC63002R Datasheet HTML 26Page - NXP Semiconductors MFRC63002R Datasheet HTML 27Page - NXP Semiconductors MFRC63002R Datasheet HTML 28Page - NXP Semiconductors MFRC63002R Datasheet HTML 29Page - NXP Semiconductors MFRC63002R Datasheet HTML 30Page - NXP Semiconductors MFRC63002R Datasheet HTML 31Page - NXP Semiconductors MFRC63002R Datasheet HTML 32Page - NXP Semiconductors MFRC63002R Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
29 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.5
Buffer
8.5.1 Overview
An 512
 8-bit FIFO buffer is implemented in the MFRC630. It buffers the input and output
data stream between the host and the internal state machine of the MFRC630. Thus, it is
possible to handle data streams with lengths of up to 512 bytes without taking timing
constraints into account. The FIFO can also be limited to a size of 255 byte. In this case all
the parameters (FIFO length, Watermark...) require a single byte only for definition. In
case of a 512 byte FIFO length the definition of this values requires 2 bytes.
8.5.2 Accessing the FIFO buffer
When the
-Controller starts a command, the MFRC630 may, while the command is in
progress, access the FIFO-buffer according to that command. Physically only one
FIFO-buffer is implemented, which can be used in input and output direction. Therefore
the
-Controller has to take care, not to access the FIFO buffer in a way that corrupts the
FIFO data.
8.5.3 Controlling the FIFO buffer
Besides writing to and reading from the FIFO buffer, the FIFO-buffer pointers might be
reset by setting the bit FIFOFlush in FIFOControl to 1. Consequently, the FIFOLevel bits
are set to logic 0, the actually stored bytes are not accessible any more and the FIFO
buffer can be filled with another 512 bytes (or 255 bytes if the bit FIFOSize is set to 1)
again.
8.5.4 Status Information about the FIFO buffer
The host may obtain the following data about the FIFO-buffers status:
• Number of bytes already stored in the FIFO-buffer. Writing increments, reading
decrements the FIFO level: FIFOLength in register FIFOLength (and FIFOControl
Register in 512 byte mode)
• Warning, that the FIFO-buffer is almost full: HiAlert in register FIFOControl according
to the value of the water level in register WaterLevel (Register 02h bit [2], Register
03h bit[7:0])
• Warning, that the FIFO-buffer is almost empty: LoAlert in register FIFOControl
according to the value of the water level in register WaterLevel (Register 02h bit [2],
Register 03h bit[7:0])
• FIFOOvl bit indicates, that bytes were written to the FIFO buffer although it was
already full: ErrIrq in register Irq0.
WaterLevel is one single value defining both HiAlert (counting from the FIFO top) and
LoAlert (counting from the FIFO bottom). The MFRC630 can generate an interrupt signal
if:
• LoAlertIRQEn in register IRQ0En is set to logic 1 it will activate pin IRQ when LoAlert
in the register FIFOControl changes to 1.
• HiAlertIRQEN in register IRQ0En is set to logic 1 it will activate pin IRQ when HiAlert
in the register FIFOControl changes to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com