Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 83Page - NXP Semiconductors MFRC63002R Datasheet HTML 84Page - NXP Semiconductors MFRC63002R Datasheet HTML 85Page - NXP Semiconductors MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors MFRC63002R Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
87 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.12 Receiver configuration registers
9.12.1 RxSofD
9.12.2 RxCtrl
Table 145. RxSofD register (address 34h)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
SOF_En
SOFDetected
RFU
SubC_En
SubC_Detected
SubC_Present
Access
rights
-
r/w
dy
-
r/w
dy
r
Table 146. RxSofD bits
Bit
Symbol
Description
7 to 6
RFU
-
5
SOF_En
If set and a SOF is detected an RxSOFIrq is raised.
4
SOF_Detected
Shows that a SOF is or was detected. Can be cleared by SW.
3RFU
-
2
SubC_En
If set and a subcarrier is detected an RxSOFIrq is raised.
1
SubC_Detected
Shows that a subcarrier is or was detected. Can be cleared by SW.
0
SubC_Present
Shows that a subcarrier is currently detected.
Table 147. RxCtrl register (address 35h)
Bit
7
6
5
4
3
2
1
0
Symbol
RxAllowBits
RxMultiple
RFU
RFU
EMD_Sup
Baudrate
Access
rights
r/w
r/w
-
-
r/w
r/w
Table 148. RxCtrl bits
Bit
Symbol
Description
7
RxAllowBits
If set, data is written into FIFO even if CRC is enabled, and no
complete byte has been received.
6
RxMultiple
If set, RxMultiple is activated and the receiver will not terminate
automatically (refer Section 8.10.3.5 “Receive command”).
If set to logic 1, at the end of a received data stream an error byte is
added to the FIFO. The error byte is a copy of the Error register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com