Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 10Page - NXP Semiconductors MFRC63002R Datasheet HTML 11Page - NXP Semiconductors MFRC63002R Datasheet HTML 12Page - NXP Semiconductors MFRC63002R Datasheet HTML 13Page - NXP Semiconductors MFRC63002R Datasheet HTML 14Page - NXP Semiconductors MFRC63002R Datasheet HTML 15Page - NXP Semiconductors MFRC63002R Datasheet HTML 16Page - NXP Semiconductors MFRC63002R Datasheet HTML 17Page - NXP Semiconductors MFRC63002R Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
14 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
Remark: The Most Significant Bit (MSB) has to be sent first.
8.4.2.3
Write data
To write data to the MFRC630 using the SPI interface the following byte order has to be
used. It is possible to write more than one byte by sending a single address byte
(see.8.5.2.4).
The first send byte defines both, the mode itself and the address byte.
Remark: The Most Significant Bit (MSB) has to be sent first.
8.4.2.4
Address byte
The address byte has to fulfil the following format:
The LSB bit of the first byte defines the used mode. To read data from the MFRC630 the
LSB bit is set to logic 1. To write data to the MFRC630 the LSB bit has to be cleared. The
bits 6 to 0 define the address byte.
NOTE: When writing the sequence [address byte][data1][data2][data3]..., [data1] is written
to address [address byte], [data2] is written to address [address byte + 1] and [data3] is
written to [address byte + 2].
Exception: This auto increment of the address byte is not performed if data is written to
the FIFO address
8.4.2.5
Timing Specification SPI
The timing condition for SPI interface is as follows:
Table 8.
Byte Order for MOSI and MISO
byte 0
byte 1
byte 2
3 to n-1
byte n
byte n + 1
MOSI
address 0
data 0
data 1
……..
data n
1
data n
MISO
XX
X……..
XX
Table 9.
Address byte 0 register; address MOSI
7
6
5
4
3
2
1
0
address 6
address 5
address 4
address 3
address 2
address 1
address 0
1 (read)
0 (write)
MSB
LSB
Table 10.
Timing conditions SPI
Symbol
Parameter
Min
Typ
Max
Unit
tSCKL
SCK LOW time
50
-
-
ns
tSCKH
SCK HIGH time
50
-
-
ns
th(SCKH-D)
SCK HIGH to data input hold time
25
-
-
ns
tsu(D-SCKH)
data input to SCK HIGH set-up time
25
-
-
ns
th(SCKL-Q)
SCK LOW to data output hold time
-
-
25
ns
t(SCKL-NSSH)
SCK LOW to NSS HIGH time
0
-
-
ns
tNSSH
NSS HIGH time
50
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com