Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 62Page - NXP Semiconductors MFRC63002R Datasheet HTML 63Page - NXP Semiconductors MFRC63002R Datasheet HTML 64Page - NXP Semiconductors MFRC63002R Datasheet HTML 65Page - NXP Semiconductors MFRC63002R Datasheet HTML 66Page - NXP Semiconductors MFRC63002R Datasheet HTML 67Page - NXP Semiconductors MFRC63002R Datasheet HTML 68Page - NXP Semiconductors MFRC63002R Datasheet HTML 69Page - NXP Semiconductors MFRC63002R Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
66 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
6 to 4
RxAlign
Used for reception of bit oriented frames: RxAlign defines the bit position
length for the first bit received to be stored. Further received bits are
stored at the following bit positions.
Example:
RxAlign = 0h - the LSB of the received bit is stored at bit 0, the second
received bit is stored at bit position 1.
RxAlign = 1h - the LSB of the received bit is stored at bit 1, the second
received bit is stored at bit position 2.
RxAlign = 7h - the LSB of the received bit is stored at bit 7, the second
received bit is stored in the following byte at position 0.
Note: If RxAlign = 0, data is received byte-oriented, otherwise
bit-oriented.
3
NoColl
If this bit is set, a collision will result in an IntegErr
2 to 0
RxLastBits
Defines the number of valid bits of the last data byte received in
bit-oriented communications. If zero the whole byte is valid.
Note: These bits are set by the RxDecoder in a bit-oriented
communication at the end of the communication. They are reset at start
of reception.
Table 64.
RxBitCtrl bits
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com