Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 82Page - NXP Semiconductors MFRC63002R Datasheet HTML 83Page - NXP Semiconductors MFRC63002R Datasheet HTML 84Page - NXP Semiconductors MFRC63002R Datasheet HTML 85Page - NXP Semiconductors MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
86 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.10.5 TxWaitLo
9.11 FrameCon
Table 141. TxWaitLo register (address 32h)
Bit
7
6
5
4
3
2
1
0
Symbol
TxWaitLo
Access
rights
r/w
Table 142. TxWaitLo bits
Bit
Symbol
Description
7 to 0
TxWaitLo
Defines the minimum time between receive and send or between two
send data streams
Note: TxWait is a 11bit register (additional 3 bits are in the TxWaitCtrl
register)!
See also TxWaitEtu and TxWaitStart.
Table 143. FrameCon register (address 33h)
Bit
7
6
5
4
3
2
1
0
Symbol
TxParityEn
RxParityEn
-
-
StopSym
StartSym
Access
rights
r/w
r/w
RFU
RFU
r/w
r/w
Table 144. FrameCon bits
Bit
Symbol
Description
7
TxParityEn
If set, a parity bit is calculated and appended to each byte
transmitted.
6
RxParityEn
If set, the parity calculation is enabled. The parity is not transferred to
the FIFO.
5 to 4
-
RFU
3 to 2
StopSym
Defines which symbol is sent as stop-symbol:
• 0h: No symbol is sent
• 1h: Symbol1 is sent
• 2h symbol2 is sent
• 3h Symbol3 is sent
1 to 0
StartSym
Defines which symbol is sent as start-symbol:
• 0h: No symbol is sent
• 1h: Symbol1 is sent
• 2h symbol2 is sent
• 3h Symbol3 is sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com