Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 95Page - NXP Semiconductors MFRC63002R Datasheet HTML 96Page - NXP Semiconductors MFRC63002R Datasheet HTML 97Page - NXP Semiconductors MFRC63002R Datasheet HTML 98Page - NXP Semiconductors MFRC63002R Datasheet HTML 99Page - NXP Semiconductors MFRC63002R Datasheet HTML 100Page - NXP Semiconductors MFRC63002R Datasheet HTML 101Page - NXP Semiconductors MFRC63002R Datasheet HTML 102Page - NXP Semiconductors MFRC63002R Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
99 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
IOL
LOW-level output current
VOL = 0.4 V; Standard
mode, Fast mode
4-
-
mA
VOL = 0.6 V; Standard
mode, Fast mode
6-
-
mA
tf(o)
output fall time
Standard mode, Fast
mode, CL < 400 pF
--
250
ns
Fast mode +; CL < 550 pF
-
-
120
ns
tSP
pulse width of spikes that
must be suppressed by
the input filter
0-
50
ns
Ci
input capacitance
-
3.5
5
pF
CL
load capacitance
Standard mode
-
-
400
pF
Fast mode
-
-
550
pF
tEER
EEPROM data retention
time
Tamb = +55
°C10
-
-
year
NEEC
EEPROM endurance
(number of programming
cycles)
under all operating
conditions
5 x 105
-
-
cycle
Analog and digital supply AVDD,DVDD
VDDA
analog supply voltage
-
1.8
-
V
VDDD
digital supply voltage
-
1.8
-
V
CL
load capacitance
AVDD
220
470
-
nF
CL
load capacitance
DVDD
220
470
-
nF
Current consumption
Istb
standby current
Standby bit = 1
-
3
6
A
IDD
supply current
modem on
-
17
20
mA
modem off
-
0.45
0.5
mA
IDD(TVDD)
TVDD supply current
-
100
200
mA
I/O pin characteristics SIGIN, SIGOUT, CLKOUT, IFSEL0,
IFSEL1, TCK, TMS, TDI, TDO, IRQ, IF0, IF1, IF2, SCL2, SDA2
ILI
input leakage current
output disabled
-
50
500
nA
VIL
LOW-level input voltage
0.5
-
0.3VDD(PVDD)
V
VIH
HIGH-level input voltage
0.7VDD(PVDD)
-VDD(PVDD) + 0.5 V
VOL
LOW-level output voltage
IOL = 4 mA,
VDD(PVDD) =5.0 V
--
0.4
V
IOL = 4 mA,
VDD(PVDD) =3.3 V
--
0.4
V
VOH
HIGH-level output voltage IOL = 4 mA,
VDD(PVDD) =5.0 V
4.6
-
-
V
IOL = 4 mA,
VDD(PVDD) =3.3 V
2.9
-
-
V
Ci
input capacitance
-
2.5
4.5
pF
Pull-up resistance for TCK, TMS, TDI, IF2
Rpu
pull-up resistance
50
72
120
K
Table 192. Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com