Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 103 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 99Page - NXP Semiconductors MFRC63002R Datasheet HTML 100Page - NXP Semiconductors MFRC63002R Datasheet HTML 101Page - NXP Semiconductors MFRC63002R Datasheet HTML 102Page - NXP Semiconductors MFRC63002R Datasheet HTML 103Page - NXP Semiconductors MFRC63002R Datasheet HTML 104Page - NXP Semiconductors MFRC63002R Datasheet HTML 105Page - NXP Semiconductors MFRC63002R Datasheet HTML 106Page - NXP Semiconductors MFRC63002R Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
103 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
14. Application information
A typical application diagram using a complementary antenna connection to the
MFRC630 is shown in Figure 31.
The antenna tuning and RF part matching is described in the application note Ref. 1 and
Ref. 2.
14.1 Antenna design description
The matching circuit for the antenna consists of an EMC low pass filter (L0 and C0), a
matching circuitry (C1 and C2), and a receiving circuits (R1 = R3, R2 = R4, C3 = C5 and
C4 = C6;), and the antenna itself. The receiving circuit component values needs to be
designed for operation with the MFRC630. A reuse of dedicated antenna designs done for
other products without adaptation of component values will result in degraded
performance.
For a more detailed information about designing and tuning the antenna, please refer to
the relevant application notes:
• MICORE reader IC family; Directly Matched Antenna Design, Ref. 1 and
• MIFARE (14443A) 13.56 MHz RFID Proximity Antennas, Ref. 2.
14.1.1 EMC low pass filter
The MIFARE system operates at a frequency of 13.56 MHz. This frequency is derived
from a quartz oscillator to clock the MFRC630 and is also the basis for driving the antenna
with the 13.56 MHz energy carrier. This will not only cause emitted power at 13.56 MHz
Fig 31. Typical application antenna circuit diagram
001aam269
VDD
PVDD
MICRO-
PROCESSOR
host
interface
TVDD
XTAL1
XTAL2
RXN
VMID
TX1
TVSS
TX2
9
825
18
19
VSS
33
20
13
14
17
16
15
14
21
28-31
32
PDOWN
IRQ
7
DVDD
AVDD
12
RXP
READER IC
R1
L0
C1
Ra
Ra
C1
L0
R2
R4
C0
C0
C2
C2
CRXN
CRXP
Cvmid
R3
27.12 MHz
antenna
Lant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com