Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 44Page - NXP Semiconductors MFRC63002R Datasheet HTML 45Page - NXP Semiconductors MFRC63002R Datasheet HTML 46Page - NXP Semiconductors MFRC63002R Datasheet HTML 47Page - NXP Semiconductors MFRC63002R Datasheet HTML 48Page - NXP Semiconductors MFRC63002R Datasheet HTML 49Page - NXP Semiconductors MFRC63002R Datasheet HTML 50Page - NXP Semiconductors MFRC63002R Datasheet HTML 51Page - NXP Semiconductors MFRC63002R Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
48 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.10 Command set
8.10.1 General
The behavior is determined by a state machine capable to perform a certain set of
commands. By writing the according command-code to register Command the command
is executed.
Arguments and/or data necessary to process a command, are exchanged via the FIFO
buffer.
• A data transmission of the TxEncoder can be started by a command. When started,
the communication is executed as defined in the TxFrameCon register. Therefore a
communication frame can consist of a start-symbol, a data-stream, and followed by
an end-symbol.
• Each command that needs a certain number of arguments will start processing only
when it has received the correct number of arguments via the FIFO buffer.
• The FIFO buffer is not cleared automatically at command start. Therefore, it is
recommended to write the command arguments and/or the data bytes into the FIFO
buffer and start the command afterwards.
• Each command may be interrupted by the host by writing a new command code into
register Command e.g.: the Idle-Command.
8.10.2 Command set overview
Table 34.
Command set
Command
No.
Parameter (bytes)
Short description
Idle
00h
-
no action, cancels current command execution
LPCD
01h
-
low-power card detection
LoadKey
02h
(keybyte1),(keybyte2), (keybyte3),
(keybyte4), (keybyte5),(keybyte6);
reads a MIFARE key (size of 6 bytes) from FIFO buffer
ant puts it into Key buffer
MFAuthent
03h
60h or 61h, (block address), (card
serial number byte0),(card serial
number byte1), (card serial number
byte2),(card serial number byte3);
performs the MIFARE standard authentication in
MIFARE read/write mode only
Receive
05h
-
activates the receive circuit
Transmit
06h
-
transmits data from the FIFO buffer
Transceive
07h
-
transmits data from the FIFO buffer and automatically
activates the receiver after transmission finished
WriteE2
08h
addressL, addressH, data;
gets one byte from FIFO buffer and writes it to the
internal EEPROM, valid address range are the
addresses of the MIFARE Key area
WriteE2Page
09h
(page Address), data0, [data1
..data63];
gets up to 64 bytes (one EEPROM page) from the FIFO
buffer and writes it to the EEPROM, valid page address
range are the pages of the MIFARE Key Area
ReadE2
0Ah
addressL, address H, length;
reads data from the EEPROM and copies it into the
FIFO buffer, valid address range are the addresses of
the MIFARE Key area
LoadReg
0Ch
(EEPROM ddressL), (EEPROM
addressH), RegAdr, (number of
Register to be copied);
reads data from the internal EEPROM and initializes the
MFRC630 registers. EEPROM address needs to be
within EEPROM sector 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com