Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 68Page - NXP Semiconductors MFRC63002R Datasheet HTML 69Page - NXP Semiconductors MFRC63002R Datasheet HTML 70Page - NXP Semiconductors MFRC63002R Datasheet HTML 71Page - NXP Semiconductors MFRC63002R Datasheet HTML 72Page - NXP Semiconductors MFRC63002R Datasheet HTML 73Page - NXP Semiconductors MFRC63002R Datasheet HTML 74Page - NXP Semiconductors MFRC63002R Datasheet HTML 75Page - NXP Semiconductors MFRC63002R Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
72 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.7.2.8
T1CounterValHi
High byte (MSB) of the counter value of byte Timer1.
9.7.2.9
T1CounterValLo
Low byte (LSB) of the counter value of byte Timer1.
9.7.2.10
T2Control
Control register of the Timer2.
Table 84.
T1ReloadValLo bits
Bit
Symbol
Description
7 to 0
T1ReloadLo
Defines the low byte of the reload value of the Timer1. Changing this
register affects the timer only at the next start event.
Table 85.
T1CounterValHi register (address 17h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValHi
Access
rights
dy
Table 86.
T1CounterValHi bits
Bit
Symbol
Description
7 to 0
T1Counter
ValHi
High byte of the current value of the Timer1.
This value shall not be read out during reception.
Table 87.
T1CounterValLo register (address 18h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValLo
Access
rights
dy
Table 88.
T1CounterValLo bits
Bit
Symbol
Description
7 to 0
T1Counter
ValLo
Low byte of the current value of the counter 1.
This value shall not be read out during reception.
Table 89.
T2Control register (address 19h)
Bit
7
6
5
4
3
2
1
0
Symbol
T2StopRx
-
T2Start
T2AutoRestart
-
T2Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com