Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC63002R Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 32Page - NXP Semiconductors MFRC63002R Datasheet HTML 33Page - NXP Semiconductors MFRC63002R Datasheet HTML 34Page - NXP Semiconductors MFRC63002R Datasheet HTML 35Page - NXP Semiconductors MFRC63002R Datasheet HTML 36Page - NXP Semiconductors MFRC63002R Datasheet HTML 37Page - NXP Semiconductors MFRC63002R Datasheet HTML 38Page - NXP Semiconductors MFRC63002R Datasheet HTML 39Page - NXP Semiconductors MFRC63002R Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
36 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
During low power card detection the DC levels at the I- and Q-channel mixer outputs are
evaluated. This requires that mixers are directly connected to the ADC. This can be
configured by setting the bit Rx_ADCmode in register Rcv (38h).
8.6.4 Active antenna concept
Two main blocks are implemented in the MFRC630. A digital circuitry, comprising state
machines, coder and decoder logic and an analog circuitry with the modulator and
antenna drivers, receiver and amplification circuitry. For example, the interface between
these two blocks can be configured in the way, that the interfacing signals may be routed
to the pins SIGIN and SIGOUT. The most important use of this topology is the active
antenna concept where the digital and the analog blocks are separated. This opens the
possibility to connect e.g. an additional digital block of another MFRC630 device with a
single analog antenna front-end.
The Table 22 and Table 23 describe the necessary register configuration for the use case
active antenna concept.
The interface between these two blocks can be configured in the way, that the interfacing
signals may be routed to the pins SIGIN and SIGOUT (see Figure 25 “Overview
SIGIN/SIGOUT Signal Routing”).
This topology supports, that some parts of the analog part of the MFRC630 may be
connected to the digital part of another device.
The switch SigOutSel in registerSigOut can be used to measure signals. This is especially
important during the design In phase or for test purposes to check the transmitted and
received data.
Fig 24. Block diagram of the active Antenna concept
Table 22.
Register configuration of MFRC630 active antenna concept (DIGITAL)
Register
Value (binary)
Description
SigOut.SigOutSel
0100
TxEnvelope
Rcv.SigInSel
10
11
Receive over SigIn (ISO/IEC14443A)
Receive over SigIn (Generic Code)
DrvCon.TxSel
00
Low (idle)
Table 23.
Register configuration of MFRC630 active antenna concept (Antenna)
Register
Value (binary)
Description
SigOut.SigOutSel
0110
0111
Generic Code (Manchester)
Manchester with Subcarrier (ISO/IEC14443A)
Rcv.SigInSel
01
Internal
DrvCon.TxSel
10
External (SigIn)
RxCtrl.RxMultiple
1
RxMultiple on
001aam307
SIGIN
SIGIN
SIGOUT
SIGOUT
READER IC
(DIGITAL)
READER IC
(ANTENNA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com